Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF18G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # SF18G
Description  Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF18G Datasheet(HTML) 3 Page - Leshan Radio Company

  SF18G Datasheet HTML 1Page - Leshan Radio Company SF18G Datasheet HTML 2Page - Leshan Radio Company SF18G Datasheet HTML 3Page - Leshan Radio Company SF18G Datasheet HTML 4Page - Leshan Radio Company SF18G Datasheet HTML 5Page - Leshan Radio Company SF18G Datasheet HTML 6Page - Leshan Radio Company SF18G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3. dimension:
SF11G thru SF18G


Similar Part No. - SF18G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF18G TSC-SF18G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Jinan Jing Heng Electro...
SF18G JINGHENG-SF18G Datasheet
59Kb / 2P
   SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF18G TSC-SF18G Datasheet
261Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Formosa MS
SF18G FORMOSA-SF18G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF18G BILIN-SF18G Datasheet
137Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF18G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1E5G LRC-1E5G Datasheet
368Kb / 7P
   Glass Passivated Junction Super Fast Recitifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21G LRC-SF21G Datasheet
261Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFM101 LRC-EFM101_14 Datasheet
196Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
EFMAF101 LRC-EFMAF101 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
EFMAF108 LRC-EFMAF108 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODSF11-SH LRC-SODSF11-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODSF18-SH LRC-SODSF18-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com