Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF26G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF26G
Description  Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF26G Datasheet(HTML) 1 Page - Leshan Radio Company

  SF26G Datasheet HTML 1Page - Leshan Radio Company SF26G Datasheet HTML 2Page - Leshan Radio Company SF26G Datasheet HTML 3Page - Leshan Radio Company SF26G Datasheet HTML 4Page - Leshan Radio Company SF26G Datasheet HTML 5Page - Leshan Radio Company SF26G Datasheet HTML 6Page - Leshan Radio Company SF26G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Ideally suited for use in very high frequency switching
power supplies,inverters and as free wheeling diodes
* Cavity-free glass passivated junction
* Ultrafast recovery time for high efficiency
* Soft recovery characteristics
* Excellent high temperature switching
* High temperature soldering guaranteed:
260
°C/10 seconds
Mechanical Data
Case: JEDEC DO-15, molded plastic over glass die
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 oz., 0.40 g
We declare that the material of product compliance
Handling precautin:None
with ROHS requirements
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF21G SF22G SF23G SF24G SF25G SF26G SF27G SF28G
Unit
device marking code
SF21G SF22G SF23G SF24G SF25G SF26G SF27G SF28G
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600V
Maximum RSM voltage
VRSM
35
70
105
140
210
280
350
420V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF21G SF22G SF23G SF24G SF25G SF26G SF27G SF28G
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 125
°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
2.0
75
45
–50 to +150
1.25
5.0
200
35
25.0
SF21G thru SF28G
Glass Passivated Junction Super Fast Rectifiers
Reverse Voltage 50 to 600V Forward Current 2.0A
0.95
1.7


Similar Part No. - SF26G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF26G JGD-SF26G Datasheet
162Kb / 2P
   2.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Cystech Electonics Corp...
SF26G CYSTEKEC-SF26G Datasheet
241Kb / 3P
   2.0Amp. Glass Passivated Super Fast Rectifiers
logo
Guangdong Juxing Electr...
SF26G JUXING-SF26G Datasheet
788Kb / 2P
   Superfast Recovery Rectitiers
logo
Taiwan Semiconductor Co...
SF26G TSC-SF26G Datasheet
68Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF26G TSC-SF26G Datasheet
379Kb / 4P
   Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF26G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUR260 LRC-LUR260 Datasheet
283Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMB205 LRC-LUMB205 Datasheet
308Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
EFMAF210 LRC-EFMAF210 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMAF280 LRC-EFMAF280 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMBF201 LRC-EFMBF201 Datasheet
243Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFM201 LRC-EFM201 Datasheet
187Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMA210 LRC-EFMA210 Datasheet
220Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com