Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA336N Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA336N
Description  SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA336N Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA336N Datasheet HTML 1Page - Burr-Brown (TI) OPA336N Datasheet HTML 2Page - Burr-Brown (TI) OPA336N Datasheet HTML 3Page - Burr-Brown (TI) OPA336N Datasheet HTML 4Page - Burr-Brown (TI) OPA336N Datasheet HTML 5Page - Burr-Brown (TI) OPA336N Datasheet HTML 6Page - Burr-Brown (TI) OPA336N Datasheet HTML 7Page - Burr-Brown (TI) OPA336N Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA336
8-Pin DIP, SO-8
1
2
3
5
4
V+
–In
Out
V–
+In
OPA336
SOT-23-5
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2336
8-Pin DIP, SO-8, MSOP-8
A
B
FEATURES
q SINGLE SUPPLY OPERATION
q RAIL-TO-RAIL OUTPUT (within 3mV)
q MicroPOWER: I
Q = 20µA/Amplifier
q MicroSIZE PACKAGES
q LOW OFFSET VOLTAGE: 125
µV max
q SPECIFIED FROM V
S = 2.3V to 5.5V
q SINGLE, DUAL, AND QUAD VERSIONS(1)
OPA336
OPA2336
OPA4336
®
© 1997 Burr-Brown Corporation
PDS-1380C
Printed in U.S.A. August, 1997
SINGLE-SUPPLY, MicroPOWER
CMOS OPERATIONAL AMPLIFIERS
Micro
Amplifier Series
APPLICATIONS
q BATTERY POWERED INSTRUMENTS
q PORTABLE DEVICES
q HIGH IMPEDANCE APPLICATIONS
q PHOTODIODE PRE-AMPS
q PRECISION INTEGRATORS
q MEDICAL INSTRUMENTS
q TEST EQUIPMENT
DESCRIPTION
OPA336 series micropower CMOS operational ampli-
fiers are designed for battery powered applications.
They operate on a single supply with operation as low
as 2.1V. The output is rail-to-rail and swings to within
3mV of the supplies with a 100k
Ω load. The common-
mode range extends to the negative supply—ideal for
single-supply applications. Single, dual, and quad
versions have identical specifications for maximum
design flexibility.
In addition to small size and low quiescent current
(20
µA/amplifier), they feature low offset voltage
(125
µV max), low input bias current (1pA), and high
open-loop gain (115dB). Dual and quad designs fea-
ture completely independent circuitry for lowest
crosstalk and freedom from interaction.
OPA336 packages are the tiny 5-lead SOT-23-5 surface
mount, SO-8 surface-mount, and 8-pin DIP. OPA2336
comes in the miniature MSOP-8 surface-mount, SO-8
surface-mount, and 8-pin DIP packages. OPA4336
packages are the space-saving SSOP-16 surface-mount
and the 14-pin DIP. All are specified from –40
°C to
+85
°C and operate from –55°C to +125°C. A
macromodel is available for design analysis.
OPA4336
OPA336
OPA2336
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132


Similar Part No. - OPA336N

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA336N BURR-BROWN-OPA336N Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA336N TI1-OPA336N Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA336N/250 BURR-BROWN-OPA336N/250 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
OPA336N/250 BURR-BROWN-OPA336N/250 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA336N/250 TI1-OPA336N/250 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA336N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com