Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG2A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # UG2A
Description  Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 200V Forward Current 2.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UG2A Datasheet(HTML) 1 Page - Leshan Radio Company

  UG2A Datasheet HTML 1Page - Leshan Radio Company UG2A Datasheet HTML 2Page - Leshan Radio Company UG2A Datasheet HTML 3Page - Leshan Radio Company UG2A Datasheet HTML 4Page - Leshan Radio Company UG2A Datasheet HTML 5Page - Leshan Radio Company UG2A Datasheet HTML 6Page - Leshan Radio Company UG2A Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Glass passivated chip
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-15, molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
We declare that the material of product compliance
Mounting Position: Any
with ROHS requirements
Weight: 0.015 oz., 0.40 g
Handling precautin:None
1.Electrical Characteristic
Maximum& Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum repetitive peak reverse voltage
VRRM
V
Maximum RSM voltage
VRSM
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55
°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 75°C
IR(AV)
µA
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum Instantaneous Forward Voltage
(IF = 2.0 Amps, TJ = 25
°C)
VF
V
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths
(Rated dc Voltage, TJ = 100
°C)
(Rated dc Voltage, TJ = 25
°C)
IR
µA
Maximum reverse recovery time (Note 1)
Trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
50
15
UG2A thru UG2D
Glass Passivated Junction Ultra Fast Rectifiers
Reverse Voltage 50 to 200V Forward Current 2.0A
UG2A
UG2B
UG2C
UG2D
0.95
200
5.0
15
100
2.0
65
200
140
200
150
35
50
UG2A
UG2B
UG2C
UG2D
45
70
–50 to +150
100
100
105
150


Similar Part No. - UG2A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG2A GE-UG2A Datasheet
48Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG2A VISHAY-UG2A Datasheet
96Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG2A SEMTECH_ELEC-UG2A Datasheet
260Kb / 2P
   SUPER FAST RECTIFIERS
logo
Gulf Semiconductor
UG2A GULFSEMI-UG2A Datasheet
86Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?2.0A
logo
Vishay Siliconix
UG2A VISHAY-UG2A Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
More results

Similar Description - UG2A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUR260 LRC-LUR260 Datasheet
283Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMB205 LRC-LUMB205 Datasheet
308Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
UG4A LRC-UG4A Datasheet
190Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 200V Forward Current 4.0A
SF21G LRC-SF21G Datasheet
261Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUR2100 LRC-LUR2100 Datasheet
335Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 800 to 1000V Forward Current 2.0A
RGP20MA LRC-RGP20MA Datasheet
493Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com