Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59965C0120A070 Datasheet(PDF) 2 Page - EPCOS

Part # B59965C0120A070
Description  PTC thermistors for overcurrent protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59965C0120A070 Datasheet(HTML) 2 Page - EPCOS

  B59965C0120A070 Datasheet HTML 1Page - EPCOS B59965C0120A070 Datasheet HTML 2Page - EPCOS B59965C0120A070 Datasheet HTML 3Page - EPCOS B59965C0120A070 Datasheet HTML 4Page - EPCOS B59965C0120A070 Datasheet HTML 5Page - EPCOS B59965C0120A070 Datasheet HTML 6Page - EPCOS B59965C0120A070 Datasheet HTML 7Page - EPCOS B59965C0120A070 Datasheet HTML 8Page - EPCOS B59965C0120A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Applications
Overcurrent protection
Short circuit protection
Features
Lead-free terminals
Marking: Type, manufacturer's logo,
reference temperature in
°C and date code
YYWW (except B59995C*)
Low resistance
For rated currents of up to 1.8 A
UL approval to UL 1434 for Vmax = 15 V and
VR = 12 V (file number E69802)
Qualification based on AEC-Q200, Rev. D
(except: B59935C* and B59995C*)
RoHS-compatible
Options
Leadless disks and leaded disks without
coating available on request
Thermistors with diameter w
≤11.0 mm are
also available on tape (to IEC 60286-2)
Delivery mode
Cardboard strips (standard)
Cardboard tape reeled or in Ammo pack on
request
Dimensional drawing
Dimensions (mm)
Type
wmax
hmax
∅d
C935
22.0
25.5
0.6
C945
17.5
21.0
0.6
C955
13.5
17.0
0.6
C965
11.0
14.5
0.6
C975
9.0
12.5
0.6
C985
6.5
10.0
0.6
C995
4.0
7.5
0.5
General technical data
Max. operating voltage
(TA = 60 °C)
Vmax
30
V DC or V AC
Rated voltage
VR
12, 24
V DC or V AC
Switching cycles
N
100
Reference temperature
(typ.)
Tref
120
°C
Tolerance of RR
∆RR
±25
%
Operating temperature range
(V = 0)
Top
40/+125
°C
Operating temperature range
(V = Vmax)
Top
40/+85
°C
Overcurrent protection
Leaded disks, coated, 12 V, 24 V
C935 ... C995
Page 2 of 10
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59965C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59965C0120A070 EPCOS-B59965C0120A070 Datasheet
307Kb / 10P
   PTC thermistors for overcurrent protection
B59965C0120A070 EPCOS-B59965C0120A070 Datasheet
149Kb / 10P
   PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V
B59965C0120A070 EPCOS-B59965C0120A070 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59965C0120A070 EPCOS-B59965C0120A070 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59965C0120A070 EPCOS-B59965C0120A070 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59965C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com