Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82422H1682000 Datasheet(PDF) 6 Page - EPCOS

Part # B82422H1682000
Description  SMT inductors SIMID series, SIMID 1210-H
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422H1682000 Datasheet(HTML) 6 Page - EPCOS

  B82422H1682000 Datasheet HTML 1Page - EPCOS B82422H1682000 Datasheet HTML 2Page - EPCOS B82422H1682000 Datasheet HTML 3Page - EPCOS B82422H1682000 Datasheet HTML 4Page - EPCOS B82422H1682000 Datasheet HTML 5Page - EPCOS B82422H1682000 Datasheet HTML 6Page - EPCOS B82422H1682000 Datasheet HTML 7Page - EPCOS B82422H1682000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
12/12
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent
4294A/E4991A, typical values at +20 °C
Q factor versus frequency f
measured with impedance analyzer
Agilent 4294A, typical values at +20 °C
Inductance L versus DC load current IDC
measured with LCR meter Agilent 4284A,
typical values at +20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = +105 °C)
|Z|
IND0499-X
f
10 68
10
10 7
10 9
Hz
10 0
1 μH
100 μH
10 μH
680 μH
Ω
10 1
10 2
3
10
4
10
10 5
6
10
0.1 μH
B82422H
IND0497-H
0
10 4
Hz
Q
f
100 μH
10 μH
1 μH
5
10
15
20
25
10 5
10 6
10 7
B82422H
680 μH
0.1 μH
10
10
_
_2
10 1
_
L
μH
10
10 0
A
DC
I
1
IND0608-P
2
_
_
10 1
10 0
1
10
10 2
10 3
B82422H
100 μH
680 μH
10 μH
1 μH
0.1 μH
0
0
0.2
0.4
0.6
0.8
1.0
1.2
IND0498-R-E
20
40
60
80 100 120
160
C
˚
B82422H
IR
op
I
A
T
B82422H
SMT inductors, SIMID series
SIMID 1210-H


Similar Part No. - B82422H1682000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1682000 EPCOS-B82422H1682000 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H1682000 EPCOS-B82422H1682000 Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
More results

Similar Description - B82422H1682000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H EPCOS-B82422H_12 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H EPCOS-B82422H Datasheet
275Kb / 5P
   SIMID 1210−H
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82442H EPCOS-B82442H_12 Datasheet
484Kb / 9P
   SMT inductors SIMID series, SIMID 2220-H Upright ferrite drum core
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com