Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82801B0504A050 Datasheet(PDF) 5 Page - EPCOS

Part # B82801B0504A050
Description  SMT current sense transformers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82801B0504A050 Datasheet(HTML) 5 Page - EPCOS

  B82801B0504A050 Datasheet HTML 1Page - EPCOS B82801B0504A050 Datasheet HTML 2Page - EPCOS B82801B0504A050 Datasheet HTML 3Page - EPCOS B82801B0504A050 Datasheet HTML 4Page - EPCOS B82801B0504A050 Datasheet HTML 5Page - EPCOS B82801B0504A050 Datasheet HTML 6Page - EPCOS B82801B0504A050 Datasheet HTML 7Page - EPCOS B82801B0504A050 Datasheet HTML 8Page - EPCOS B82801B0504A050 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
12/12
Please read Cautions and warnings and
Important notes at the end of this document.
With:
Bmax
Maximum magnetic flux density in the ferrite core of the current sense transformer
Vsense,max Maximum output voltage of the measurement signal
G
max
Maximum duty cycle
ns
Number of turns of the secondary winding of the current sense transformer
Ae
Effective magnetic area of the ferrite core
fosc
Operating frequency of the switching operator IC
Typical value for Ae: 2.5 x 10-6 m2
Typical Bmax: 200 mT
With:
RT
Resistance of burden resistor
Vsense,max Maximum output voltage of the measurement signal
ns
Number of turns on the secondary side of the CT
Iprim,max
Maximum primary current (peak current)
Characteristics and ordering codes
Lmin
PH
Turns ratio
Np : Ns
DC resistance
Rmax (m:)
Voltage-
time product
V
˜ μs
Recomm.
RT
:
Ordering code
primary
secondary
80
1 : 20
0.6
400
10.0
20
B82801B0803A020
180
1 : 30
0.6
870
15.0
30
B82801B0184A030
320
1 : 40
0.6
1140
20.0
40
B82801B0324A040
500
1 : 50
0.6
1500
25.0
50
B82801B0504A050
720
1 : 60
0.6
1980
30.0
60
B82801B0724A060
980
1 : 70
0.6
3000
35.0
70
B82801B0984A070
2000
1 : 100
0.6
5500
50.0
100
B82801B0205A100
3000
1 : 125
0.6
6500
62.5
125
B82801B0305A125
8000
1 : 200
0.6
33240
100.0
200
B82801B0925A200
Bmax
Vsense max

Gmax
˜
ns Ae fosc
˜˜
-----------------------------------------
=
RT
Vsense max

ns
˜
Iprim max

-----------------------------------
=
B82801B
EE 5.0
SMT current sense transformers


Similar Part No. - B82801B0504A050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82801B0504A050 EPCOS-B82801B0504A050 Datasheet
506Kb / 5P
   SMT current sense transformers
More results

Similar Description - B82801B0504A050

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P8208T PULSE-P8208T Datasheet
82Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PB0027 PULSE-PB0027 Datasheet
112Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
logo
TDK Electronics
B82801C TDK-B82801C Datasheet
511Kb / 2P
   SMT Current Sense Transformers
logo
Pulse A Technitrol Comp...
PA1005.XXXNL PULSE-PA1005.XXXNL Datasheet
300Kb / 2P
   SMT Current Sense Transformers
P8202NL PULSE-P8202NL Datasheet
80Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P822X PULSE-P822X Datasheet
63Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68280NLT PULSE-PE-68280NLT Datasheet
156Kb / 2P
   SMT CURRENT SENSE TRANSFORMERS
PA0368.100NL PULSE-PA0368.100NL Datasheet
146Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68XXX PULSE-PE-68XXX Datasheet
119Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P8202NLT PULSE-P8202NLT Datasheet
246Kb / 2P
   smt Current Sense Transformers
logo
TDK Electronics
B82801A TDK-B82801A Datasheet
1Mb / 3P
   SMT Current Sense Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com