Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA350 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA350
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA350 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA350 Datasheet HTML 1Page - Burr-Brown (TI) OPA350 Datasheet HTML 2Page - Burr-Brown (TI) OPA350 Datasheet HTML 3Page - Burr-Brown (TI) OPA350 Datasheet HTML 4Page - Burr-Brown (TI) OPA350 Datasheet HTML 5Page - Burr-Brown (TI) OPA350 Datasheet HTML 6Page - Burr-Brown (TI) OPA350 Datasheet HTML 7Page - Burr-Brown (TI) OPA350 Datasheet HTML 8Page - Burr-Brown (TI) OPA350 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
OPA350, 2350, 4350
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
OPEN-LOOP GAIN vs TEMPERATURE
130
125
120
115
110
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
R
L = 600Ω
R
L = 1kΩ
R
L = 10kΩ
SLEW RATE vs TEMPERATURE
Temperature (
°C)
40
35
30
25
20
15
10
5
0
–75
–50
–25
0
25
50
75
100
125
Negative Slew Rate
Positive Slew Rate
DIFFERENTIAL GAIN/PHASE vs RESISTIVE LOAD
0.5
0.4
0.3
0.2
0.1
0
Resistive Load (
Ω)
0
100
200
300
500
400
600
800
700
900 1000
G = 2
V
O = 1.4V
NTSC Signal Generator
See Figure 6 for test circuit.
Phase
Gain
COMMON-MODE AND POWER SUPPLY REJECTION RATIO
vs TEMPERATURE
100
90
80
70
60
110
100
90
80
70
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
CMRR, V
S = 5.5V
(V
CM = –0.1V to +5.6V)
CMRR, V
S = 2.7V
(V
CM = –0.1V to +2.8V)
PSRR
QUIESCENT CURRENT AND
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
100
90
80
70
60
50
40
30
–75
–50
–25
0
25
50
75
100
125
I
Q
+I
SC
–I
SC
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Per Amplifier


Similar Part No. - OPA350

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
OPA350 BURR-BROWN-OPA350 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA350 TI-OPA350 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA350 TI1-OPA350 Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350 TI1-OPA350 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - OPA350

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com