Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4342EA Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA4342EA
Description  Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4342EA Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA4342EA Datasheet HTML 2Page - Burr-Brown (TI) OPA4342EA Datasheet HTML 3Page - Burr-Brown (TI) OPA4342EA Datasheet HTML 4Page - Burr-Brown (TI) OPA4342EA Datasheet HTML 5Page - Burr-Brown (TI) OPA4342EA Datasheet HTML 6Page - Burr-Brown (TI) OPA4342EA Datasheet HTML 7Page - Burr-Brown (TI) OPA4342EA Datasheet HTML 8Page - Burr-Brown (TI) OPA4342EA Datasheet HTML 9Page - Burr-Brown (TI) OPA4342EA Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
®
OPA342, 2342, 4342
APPLICATIONS INFORMATION
OPA342 series op amps are unity gain stable and can operate
on a single supply, making them highly versatile and easy to
use.
Rail-to-rail input and output swing significantly increases
dynamic range, especially in low supply applications. Figure
1 shows the input and output waveforms for the OPA342 in
unity-gain configuration. Operation is from VS = +5V with
a 10k
Ω load connected to V
S/ 2. The input is a 5Vp-p
sinusoid. Output voltage is approximately 4.997Vp-p.
Power supply pins should be by passed with 0.01pF ceramic
capacitors.
OPERATING VOLTAGE
OPA342 series op amps are fully specified and guaranteed
from +2.7V to +5.5V. In addition, many specifications apply
from –40ºC to +85ºC. Parameters that vary significantly
with operating voltages or temperature are shown in the
Typical Performance Curves.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA342
series extends 300mV beyond the supply rails. This is
achieved with a complementary input stage—an N-channel
input differential pair in parallel with a P-channel differen-
tial pair (see Figure 2). The N-channel pair is active for input
voltages close to the positive rail, typically (V+) – 1.3V to
300mV above the positive supply, while the P-channel pair
is on for inputs from 300mV below the negative supply to
approximately (V+) –1.3V. There is a small transition re-
gion, typically (V+) – 1.5V to (V+) – 1.1V, in which both
pairs are on. This 400mV transition region can vary 300mV
with process variation. Thus, the transition region (both
stages on) can range from (V+) – 1.8V to (V+) – 1.4V on the
low end, up to (V+) – 1.2V to (V+) – 0.8V on the high end.
Within the 400mV transition region PSRR, CMRR, offset
voltage, offset drift, and THD may be degraded compared to
operation outside this region. For more information on
designing with rail-to-rail input op amps, see Figure 3
“Design Optimization with Rail-to-Rail Input Op Amps.”
FIGURE 2. Simplified Schematic.
V
BIAS1
V
BIAS2
V
IN+
V
IN
Class AB
Control
Circuitry
V
O
V–
(Ground)
V+
Reference
Current
FIGURE 1. Rail-to-Rail Input and Output.
5
µs/div
Output (inverted on scope)
Input
G = +1, VS = +5V
5V
0V


Similar Part No. - OPA4342EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4342EA/250 TI1-OPA4342EA/250 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA4342EA250 BURR-BROWN-OPA4342EA250 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4342EA250G4 BURR-BROWN-OPA4342EA250G4 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4342EA2K5 BURR-BROWN-OPA4342EA2K5 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA4342EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com