Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2336UA Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2336UA
Description  SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2336UA Datasheet(HTML) 7 Page - Burr-Brown (TI)

  OPA2336UA Datasheet HTML 1Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 2Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 3Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 4Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 5Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 6Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 7Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
OPA336, 2336, 4336
®
FIGURE 4. Small-Signal Step Response Using Series Re-
sistor to Improve Capacitive Load Drive.
RS = 100Ω, Load = 25kΩ || 1000pF, VS = +5V
50
µs/div
FIGURE 2. Input Current Protection for Voltages Exceeding
the Supply Voltage.
CAPACITIVE LOAD AND STABILITY
OPA336 series op amps can drive a wide range of capaci-
tive loads. However, all op amps under certain conditions
may become unstable. Op amp configuration, gain, and
load value are just a few of the factors to consider when
determining stability.
When properly configured, OPA336 series op amps can
drive approximately 10,000pF. An op amp in unity gain
configuration is the most vulnerable to capacitive load. The
capacitive load reacts with the op amp’s output resistance,
along with any additional load resistance, to create a pole in
the response which degrades the phase margin. In unity gain,
OPA336 series op amps perform well with a pure capacitive
load up to about 300pF. Increasing gain enhances the
amplifier’s ability to drive loads beyond this level.
One method of improving capacitive load drive in the unity
gain configuration is to insert a 50
Ω to 100Ω resistor inside
the feedback loop as shown in Figure 3. This reduces ringing
with large capacitive loads while maintaining DC accuracy.
R
S
100
OPAx336
C
L
R
L
V
IN
V
OUT
FIGURE 3. Series Resistor in Unity-Gain Configuration
Improves Capacitive Load Drive.
FIGURE 1. No Phase Inversion with Inputs Greater than the
Power Supply Voltage.
APPLICATIONS INFORMATION
OPA336 series op amps are fabricated on a state-of-the-art
0.6 micron CMOS process. They are unity-gain stable and
suitable for a wide range of general purpose applications.
Power supply pins should be bypassed with 0.01
µF ceramic
capacitors. OPA336 series op amps are protected against
reverse battery voltages.
OPERATING VOLTAGE
OPA336 series op amps can operate from a +2.1V to +5.5V
single supply with excellent performance. Most behavior
remains unchanged throughout the full operating voltage
range. Parameters which vary significantly with operating
voltage are shown in the typical performance curves. OPA336
series op amps are fully specified for operation from +2.3V
to +5.5V; a single limit applies over the supply range. In
addition, many parameters are guaranteed over the specified
temperature range, –40
°C to +85°C.
INPUT VOLTAGE
The input common-mode range of OPA336 series op amps
extends from (V–) –0.2V to (V+) –1V. For normal opera-
tion, inputs should be limited to this range. The absolute
maximum input voltage is 300mV beyond the supplies.
Thus, inputs greater than the input common-mode range
but less than maximum input voltage, while not valid, will
not cause any damage to the op amp. Furthermore, the
inputs may go beyond the power supplies without phase
inversion (Figure 1) unlike some other op amps.
6V
0V
VOUT
Normally, input bias current is approximately 1pA. How-
ever, input voltages exceeding the power supplies can
cause excessive current to flow in or out of the input pins.
Momentary voltages greater than the power supply can be
tolerated as long as the current on the input pins is limited
to 10mA. This is easily accomplished with an input resis-
tor as shown in Figure 2.
5k
OPAx336
10mA max
+5V
V
IN
V
OUT
I
OVERLOAD


Similar Part No. - OPA2336UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336UA BURR-BROWN-OPA2336UA Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2336UA BURR-BROWN-OPA2336UA Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2336UA TI1-OPA2336UA Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2336UA TI1-OPA2336UA Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336UA/2K5 BURR-BROWN-OPA2336UA/2K5 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA2336UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com