Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA350PA Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA350PA
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA350PA Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA350PA Datasheet HTML 1Page - Burr-Brown (TI) OPA350PA Datasheet HTML 2Page - Burr-Brown (TI) OPA350PA Datasheet HTML 3Page - Burr-Brown (TI) OPA350PA Datasheet HTML 4Page - Burr-Brown (TI) OPA350PA Datasheet HTML 5Page - Burr-Brown (TI) OPA350PA Datasheet HTML 6Page - Burr-Brown (TI) OPA350PA Datasheet HTML 7Page - Burr-Brown (TI) OPA350PA Datasheet HTML 8Page - Burr-Brown (TI) OPA350PA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
OPA350, 2350, 4350
OPA350EA, UA, PA
OPA2350EA, UA, PA
OPA4350EA, UA
SPECIFICATIONS: VS = 2.7V to 5.5V
At TA = +25°C, RL = 1kΩ connected to VS/2 and VOUT = VS /2, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C. VS = 5V.
PARAMETER
CONDITION
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V
±150
±500
µV
TA = –40°C to +85°C
±1
mV
vs Temperature
TA = –40°C to +85°C
±4
µV/°C
vs Power Supply Rejection Ratio
PSRR
VS = 2.7V to 5.5V, VCM = 0V
40
150
µV/V
TA = –40°C to +85°CVS = 2.7V to 5.5V, VCM = 0V
175
µV/V
Channel Separation (dual, quad)
dc
0.15
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.5
±10
pA
vs Temperature
See Typical Performance Curve
Input Offset Current
IOS
±0.5
±10
pA
NOISE
Input Voltage Noise, f = 100Hz to 400kHz
4
µVrms
Input Voltage Noise Density, f = 10kHz
en
7
nV/
√Hz
f = 100kHz
5
nV/
√Hz
Current Noise Density, f = 10kHz
in
4
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
TA = –40°C to +85°C
–0.1
(V+)+0.1
V
Common-Mode Rejection Ratio
CMRR
VS = 2.7V, –0.1V < VCM < 2.8V
66
84
dB
VS = 5.5V, –0.1V < VCM < 5.6V
76
90
dB
TA = –40°C to +85°CVS = 5.5V, –0.1V < VCM < 5.6V
74
dB
INPUT IMPEDANCE
Differential
1013 || 2.5
Ω || pF
Common-Mode
1013 || 6.5
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 10kΩ, 50mV < VO < (V+) –50mV
100
122
dB
TA = –40°C to +85°CRL = 10kΩ, 50mV < VO < (V+) –50mV
100
dB
RL = 1kΩ, 200mV < VO < (V+) –200mV
100
120
dB
TA = –40°C to +85°CRL = 1kΩ, 200mV < VO < (V+) –200mV
100
dB
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
G = 1
38
MHz
Slew Rate
SR
G = 1
22
V/
µs
Settling Time, 0.1%
G =
±1, 2V Step
0.22
µs
0.01%
G =
±1, 2V Step
0.5
µs
Overload Recovery Time
VIN • G = VS
0.1
µs
Total Harmonic Distortion + Noise
THD+N
RL = 600Ω, VO = 2.5Vp-p(2), G = 1, f = 1kHz
0.0006
%
Differential Gain Error
G = 2, RL = 600Ω, VO = 1.4V(3)
0.17
%
Differential Phase Error
G = 2, RL = 600Ω, VO = 1.4V(3)
0.17
deg
OUTPUT
Voltage Output Swing from Rail(4)
VOUT
RL = 10kΩ, AOL ≥ 100dB
10
50
mV
TA = –40°C to +85°CRL = 10kΩ, AOL ≥ 100dB
50
mV
RL = 1kΩ, AOL ≥ 100dB
25
200
mV
TA = –40°C to +85°CRL = 1kΩ, AOL ≥ 100dB
200
mV
Output Current
IOUT
±40(5)
mA
Short-Circuit Current
ISC
±80
mA
Capacitive Load Drive
CLOAD
See Typical Curve
POWER SUPPLY
Operating Voltage Range
VS
TA = –40°C to +85°C
2.7
5.5
V
Minimum Operating Voltage
2.5
V
Quiescent Current (per amplifier)
IQ
IO = 0
5.2
7.5
mA
TA = –40°C to +85°C
IO = 0
8.5
mA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Storage Range
–55
+125
°C
Thermal Resistance
θ
JA
MSOP-8 Surface Mount
150
°C/W
SO-8 Surface Mount
150
°C/W
8-Pin DIP
100
°C/W
SO-14 Surface Mount
100
°C/W
SSOP-16 Surface Mount
100
°C/W
NOTES: (1) VS = +5V. (2) VOUT = 0.25V to 2.75V. (3) NTSC signal generator used. See Figure 6 for test circuit. (4) Output voltage swings are measured between
the output and power supply rails. (5) See typical performance curve, “Output Voltage Swing vs Output Current.”


Similar Part No. - OPA350PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350PA BURR-BROWN-OPA350PA Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA350PA TI1-OPA350PA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350PA TI-OPA350PA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350PA TI1-OPA350PA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA350PAG4 TI1-OPA350PAG4 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
More results

Similar Description - OPA350PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com