Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA227P Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA227P
Description  High Precision, Low Noise OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA227P Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA227P Datasheet HTML 7Page - Burr-Brown (TI) OPA227P Datasheet HTML 8Page - Burr-Brown (TI) OPA227P Datasheet HTML 9Page - Burr-Brown (TI) OPA227P Datasheet HTML 10Page - Burr-Brown (TI) OPA227P Datasheet HTML 11Page - Burr-Brown (TI) OPA227P Datasheet HTML 12Page - Burr-Brown (TI) OPA227P Datasheet HTML 13Page - Burr-Brown (TI) OPA227P Datasheet HTML 14Page - Burr-Brown (TI) OPA227P Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
OPA227, 2227, 4227
OPA228, 2228, 4228
11
SBOS110A
www.ti.com
FIGURE 1. OPA227 Offset Voltage Trim Circuit.
APPLICATIONS INFORMATION
The OPA227 and OPA228 series are precision op amps with
very low noise. The OPA227 series is unity-gain stable with
a slew rate of 2.3V/
µs and 8MHz bandwidth. The OPA228
series is optimized for higher-speed applications with gains
of 5 or greater, featuring a slew rate of 10V/
µs and 33MHz
bandwidth. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins. In most cases, 0.1
µF capacitors are ad-
equate.
OFFSET VOLTAGE AND DRIFT
The OPA227 and OPA228 series have very low offset
voltage and drift. To achieve highest dc precision, circuit
layout and mechanical conditions should be optimized.
Connections of dissimilar metals can generate thermal po-
tentials at the op amp inputs which can degrade the offset
voltage and drift. These thermocouple effects can exceed
the inherent drift of the amplifier and ultimately degrade its
performance. The thermal potentials can be made to cancel
by assuring that they are equal at both input terminals. In
addition:
• Keep thermal mass of the connections made to the two
input terminals similar.
• Locate heat sources as far as possible from the critical
input circuitry.
• Shield op amp and input circuitry from air currents such
as those created by cooling fans.
OPERATING VOLTAGE
OPA227 and OPA228 series op amps operate from
±2.5V to
±18V supplies with excellent performance. Unlike most op
amps which are specified at only one supply voltage, the
OPA227 series is specified for real-world applications; a
single set of specifications applies over the
±5V to ±15V
supply range. Specifications are assured for applications
between
±5V and ±15V power supplies. Some applications
do not require equal positive and negative output voltage
swing. Power supply voltages do not need to be equal. The
OPA227 and OPA228 series can operate with as little as 5V
between the supplies and with up to 36V between the
supplies. For example, the positive supply could be set to
25V with the negative supply at –5V or vice-versa. In
addition, key parameters are assured over the specified
temperature range, –40
°C to +85°C. Parameters which vary
significantly with operating voltage or temperature are shown
in the Typical Performance Curves.
OFFSET VOLTAGE ADJUSTMENT
The OPA227 and OPA228 series are laser-trimmed for
very low offset and drift so most applications will not
require external adjustment. However, the OPA227 and
OPA228 (single versions) provide offset voltage trim con-
nections on pins 1 and 8. Offset voltage can be adjusted by
connecting a potentiometer as shown in Figure 1. This
adjustment should be used only to null the offset of the op
amp. This adjustment should not be used to compensate for
offsets created elsewhere in the system since this can
introduce additional temperature drift.
INPUT PROTECTION
Back-to-back diodes (see Figure 2) are used for input protec-
tion on the OPA227 and OPA228. Exceeding the turn-on
threshold of these diodes, as in a pulse condition, can cause
current to flow through the input protection diodes due to the
amplifier’s finite slew rate. Without external current-limiting
resistors, the input devices can be destroyed. Sources of high
input current can cause subtle damage to the amplifier.
Although the unit may still be functional, important param-
eters such as input offset voltage, drift, and noise may shift.
FIGURE 2. Pulsed Operation.
When using the OPA227 as a unity-gain buffer (follower), the
input current should be limited to 20mA. This can be accom-
plished by inserting a feedback resistor or a resistor in series
with the source. Sufficient resistor size can be calculated:
RX = VS/20mA – RSOURCE
where RX is either in series with the source or inserted in
the feedback path. For example, for a 10V pulse (VS =
10V), total loop resistance must be 500
Ω. If the source
impedance is large enough to sufficiently limit the current
on its own, no additional resistors are needed. The size of
any external resistors must be carefully chosen since they
will increase noise. See the Noise Performance section of
this data sheet for further information on noise calcula-
tion. Figure 2 shows an example implementing a current-
limiting feedback resistor.
OPA227
20k
0.1
µF
0.1
µF
2
1
7
8
6
3
4
V+
V–
Trim range exceeds
offset voltage specification
OPA227 and OPA228 single op amps only.
Use offset adjust pins only to
null offset voltage of op amp.
See text.
OPA227
Output
R
F
500
Input
+


Similar Part No. - OPA227P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA227P TI1-OPA227P Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA227PA TI1-OPA227PA Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA227PAG4 TI1-OPA227PAG4 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA227PG4 TI1-OPA227PG4 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
More results

Similar Description - OPA227P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA227 TI1-OPA227 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com