Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA404KP Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA404KP
Description  Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA404KP Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA404KP Datasheet HTML 3Page - Burr-Brown (TI) OPA404KP Datasheet HTML 4Page - Burr-Brown (TI) OPA404KP Datasheet HTML 5Page - Burr-Brown (TI) OPA404KP Datasheet HTML 6Page - Burr-Brown (TI) OPA404KP Datasheet HTML 7Page - Burr-Brown (TI) OPA404KP Datasheet HTML 8Page - Burr-Brown (TI) OPA404KP Datasheet HTML 9Page - Burr-Brown (TI) OPA404KP Datasheet HTML 10Page - Burr-Brown (TI) OPA404KP Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
OPA404
BIAS CURRENT CHANGE
vs COMMON-MODE VOLTAGE
The input bias currents of most popular BIFET operational
amplifiers are affected by common-mode voltage (Figure 4).
Higher input FET gate-to-drain voltage causes leakage and
ionization (bias) currents to increase. Due to its cascode
input stage, the extremely low bias current of the OPA404 is
not compromised by common-mode voltage.
APPLICATIONS CIRCUITS
Figures 5 through 11 are circuit diagrams of various appli-
cations for the OPA404.
In
Out
Zero
1M
2
3
1
6
7
5
Polypropylene
1µF
Gain = –100
V
OS < 10µV
Drift
≈ 0.05µV/°C
Zero Droop
≈ 1µV/s
Referred to Input
1/4
OPA404
100k
10k
100k
100
Operate
1/4
OPA404
–10
–5
0
+5
+10
–20
–10
0
10
20
30
40
50
60
70
80
LF155
OP-15/16/17
AD547
LF156/157
AD547
OPA404
LF156/157
T
A = +25°C; curves taken from
mfg. published typical data
Common-Mode Voltage (VDC)
–15
+15
LF155
OPA404
FIGURE 4. Input Bias Current vs Common-Mode Voltage.
FIGURE 5. Auto-Zero Amplifier.
FIGURE 6. Low-Droop Positive Peak Detector.
Input
Output
6
7
5
2
3
1
10k
IN914
1M
2N4117
0.01µF Polstyrene
Droop
≈ 0.1mV/s
≈10pF
1/4
OPA404
1/4
OPA404
IN914
(1)
(1)
(1)
NOTE: (1) Reverse polarity for negative peak detection.


Similar Part No. - OPA404KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA404KP TI-OPA404KP Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA404KP TI1-OPA404KP Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
OPA404KPG4 TI1-OPA404KPG4 Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA404KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
   Quad Precision, High Speed Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com