Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA404BG Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA404BG
Description  Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA404BG Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA404BG Datasheet HTML 1Page - Burr-Brown (TI) OPA404BG Datasheet HTML 2Page - Burr-Brown (TI) OPA404BG Datasheet HTML 3Page - Burr-Brown (TI) OPA404BG Datasheet HTML 4Page - Burr-Brown (TI) OPA404BG Datasheet HTML 5Page - Burr-Brown (TI) OPA404BG Datasheet HTML 6Page - Burr-Brown (TI) OPA404BG Datasheet HTML 7Page - Burr-Brown (TI) OPA404BG Datasheet HTML 8Page - Burr-Brown (TI) OPA404BG Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
OPA404
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, VCC = ±15VDC unless otherwise noted.
–15
–10
–5
0
+5
+10
+15
Common-Mode Voltage (V)
0.01
10
1
0.1
BIAS AND OFFSET CURRENT
vs INPUT COMMON-MODE VOLTAGE
0.01
10
1
0.1
Offset Current
Bias Current
11k
10
100
10k
100k
1M
10M
Frequency (Hz)
0
20
40
60
80
100
120
140
COMMON-MODE REJECTION
vs FREQUENCY
11k
10
100
10k
100k
1M
10M
Frequency (Hz)
0
20
40
60
80
100
120
140
OPEN-LOOP FREQUENCY RESPONSE
–180
–135
–90
–45
Ø
A
OL
R
L = 2kΩ
C
L = 100pF
11k
10
100
10k
100k
1M
10M
Frequency (Hz)
0
20
40
60
80
100
120
140
POWER SUPPLY REJECTION
vs FREQUENCY
+
–15
–10
0
+5
+10
+15
Common-Mode Voltage (V)
70
120
80
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
90
–5
100
110
–75
–50
0
+25
+50
+100
+125
Ambient Temperature (°C)
2
10
8
4
GAIN BANDWIDTH AND SLEW RATE
vs TEMPERATURE
6
–25
+75
33
40
36
34
35
GBW
Slew Rate


Similar Part No. - OPA404BG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA404BG TI-OPA404BG Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA404BG TI1-OPA404BG Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA404BG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
   Quad Precision, High Speed Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com