Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA404BG Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA404BG
Description  Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA404BG Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA404BG Datasheet HTML 3Page - Burr-Brown (TI) OPA404BG Datasheet HTML 4Page - Burr-Brown (TI) OPA404BG Datasheet HTML 5Page - Burr-Brown (TI) OPA404BG Datasheet HTML 6Page - Burr-Brown (TI) OPA404BG Datasheet HTML 7Page - Burr-Brown (TI) OPA404BG Datasheet HTML 8Page - Burr-Brown (TI) OPA404BG Datasheet HTML 9Page - Burr-Brown (TI) OPA404BG Datasheet HTML 10Page - Burr-Brown (TI) OPA404BG Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
OPA404
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, VCC = ±15VDC unless otherwise noted.
10
100
100k
Frequency (Hz)
150
140
130
120
110
0
CHANNEL SEPARATION vs FREQUENCY
10k
1k
R
L = 2kΩ
R
L = ∞
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION vs FREQUENCY
6.5Vrms
40.2k
2k
402
A
V = +101V/V
A
V = +101V/V
A
V = +1V/V
Test
Limit
010
20
Supply Voltage (±V
CC)
92
104
96
OPEN-LOOP GAIN vs SUPPLY VOLTAGE
100
515
1
10
100
1k
10k
100k
1M
Frequency (Hz)
1k
100
10
1
INPUT VOLTAGE NOISE SPECTRAL DENSITY
–75
–50
0
+25
+50
+100
+125
Ambient Temperature (°C)
11
10
9
8
7
–25
+75
SUPPLY CURRENT vs TEMPERATURE


Similar Part No. - OPA404BG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA404BG TI-OPA404BG Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA404BG TI1-OPA404BG Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA404BG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
   Quad Precision, High Speed Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com