Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4650P Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA4650P
Description  Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4650P Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA4650P Datasheet HTML 5Page - Burr-Brown (TI) OPA4650P Datasheet HTML 6Page - Burr-Brown (TI) OPA4650P Datasheet HTML 7Page - Burr-Brown (TI) OPA4650P Datasheet HTML 8Page - Burr-Brown (TI) OPA4650P Datasheet HTML 9Page - Burr-Brown (TI) OPA4650P Datasheet HTML 10Page - Burr-Brown (TI) OPA4650P Datasheet HTML 11Page - Burr-Brown (TI) OPA4650P Datasheet HTML 12Page - Burr-Brown (TI) OPA4650P Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
®
OPA4650
FREQUENCY RESPONSE COMPENSATION
Each channel of the OPA4650 is internally compensated to
be stable at unity gain with a nominal 60
° phase margin.
This lends itself well to wideband integrator and buffer
applications. Phase margin and frequency response flatness
will improve at higher gains. Recall that an inverting gain of
–1 is equivalent to a gain of +2 for bandwidth purposes, i.e.,
noise gain = 2. The external compensation techniques devel-
oped for voltage feedback op amps can be applied to this
device. For example, in the non-inverting configuration,
placing a capacitor across the feedback resistor will reduce
the gain to +1 starting at f = (1/2
πR
FCF). Alternatively, in the
inverting configuration, the bandwidth may be limited with-
out modifying the inverting gain by placing a series RC
network to ground on the inverting node. This has the effect
of increasing the noise gain at high frequencies, thereby
limiting the bandwidth for the inverting input signal through
the gain-bandwidth product.
At higher gains, the gain-bandwidth of this voltage feedback
topology will limit bandwidth according to the open-loop
frequency response curve. For applications requiring a wider
bandwidth at higher gains, consider the quad current feed-
back model, OPA4658. In applications where a large feed-
back resistor is required (such as photodiode transimpedance
circuits), precautions must be taken to avoid gain peaking
due to the pole formed by the feedback resistor and the
summing junction capacitance. This pole can be compen-
sated by connecting a small capacitor in parallel with the
feedback resistor, creating a cancelling zero term. In other
high-gain applications, use of a three-resistor “T” connec-
tion will reduce the feedback network impedance which
reacts with the parasitic capacitance at the summing node.
PULSE SETTLING TIME
High speed amplifiers like the OPA4650 are capable of
extremely fast settling time with a pulse input. Excellent
frequency response flatness and phase linearity are required
to get the best settling times. As shown in the specifications
table, settling time for a
±1V step at a gain of +1 for the
OPA4650 is extremely fast. The specification is defined as
the time required, after the input transition, for the output to
settle within a specified error band around its final value. For
a 2V step, 1% settling corresponds to an error band of
±20mV, 0.1% to an error band of ±2mV, and 0.01% to an
error band of
±0.2mV. For the best settling times, particu-
larly into an ADC capacitive load, little or no peaking in the
frequency response can be allowed. Using the recommended
RISO for capacitive loads will limit this peaking and reduce
the settling times. Fast, extremely fine scale settling (0.01%)
requires close attention to ground return currents in the
supply decoupling capacitors. For highest performance, con-
sider the OPA642 which isolates the output stage decoupling
from the rest of the amplifier.
THERMAL CONSIDERATIONS
The OPA4650 will not require heatsinking under most
operating conditions. Maximum desired junction tempera-
ture will limit the maximum allowed internal power dissipa-
tion as described below. In no case should the maximum
junction temperature be allowed to exceed +175
°C.
Operating junction temperature (TJ) is given by TA +
PDθJA. The total internal power dissipation (PD) is a com-
bination of the total quiescent power for all channels (P
DQ)
and the sum of the powers dissipated in each of the output
stages (P
DL) to deliver load power. Quiescent power is
simply the specified no-load supply current times the total
supply voltage across the part. P
DL will depend on the
required output signal and load but would, for a grounded
resistive load, be at a maximum when the output is a fixed
dc voltage equal to 1/2 of either supply voltage (assuming
equal bipolar supplies). Under this condition, P
DL = VS
2/
(4•RL) where RL includes feedback network loading. Note
that it is the power dissipated in the output stage and not in
the load that determines internal power dissipation. As an
example, compute the maximum T
J for an OPA4650U at
AV = +2, RL = 100Ω, RFB = 402Ω, ±VS = ±5V, with all 4
outputs at |V
S/2|, and the specified maximum TA = +85°C.
PD = 10V•35mA + 4•(52)/(4•(100Ω||804Ω)) = 631mW.
Maximum T
J = +85°C + 0.641W•75°C/W = 133°C.
DRIVING CAPACITIVE LOADS
The OPA4650’s output stage has been optimized to drive
low resistive loads. Capacitive loads will decrease phase
margin which may result in high frequency oscillations or
peaking. Capacitive loads greater than 10pF should be iso-
lated by connecting a small resistance (15
Ω to 30Ω) in series
with the output as shown in Figure 4. This is especially
important when driving the capacitive input of high-speed
A/D converters. Increasing the gain from +1 will improve
the capacitive load drive due to increased phase margin.
In general, capacitive loads should be minimized for opti-
mum high frequency performance. Coax lines can be driven
if the cable is properly terminated. The capacitance of coax
cable (29pF/ft for RG-58) will not load the amplifier when
the cable is source and load terminated in its characteristic
impedance.
FIGURE 4. Driving Capacitive Loads.
OPA4650
C
L
R
L
R
ISO
(R
ISO typically 5Ω to 20Ω)
25


Similar Part No. - OPA4650P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4650P TI1-OPA4650P Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA4650P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com