Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAS-1400 Datasheet(PDF) 2 Page - Level One

Part # CAS-1400
Description  2-Megapixel (1600 x 1200) high-definition resolution 2.8 ~ 12 mm adjustable Vari-focal length for wide angle surveillance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

CAS-1400 Datasheet(HTML) 2 Page - Level One

  CAS-1400 Datasheet HTML 1Page - Level One CAS-1400 Datasheet HTML 2Page - Level One CAS-1400 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- Provides IR correction feature suitable for day and night viewing
-
Works Well With
FCS-1131
2-Megapixel PoE Network Camera
Specifications
System Specifications
Connectors and Cabling:
1 x Auto Iris (DC Drive)
Lens:
CS-mount, f=2.8-12.0mm, F1.4-360
Angle of View:
Diagonal: 105° - 35°
Horizontal: 93° - 28°
Vertical: 77° - 23°
Environment
Temperature (°C):
Operating: -10°C - 50°C
Physical Specifications
Dimensions (W x D x H mm):
36.0 x 45.2 x 36 mm
Weight (g):
60.6 g
Order Information
CAS-1400
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
www.level1.com
Page 2 of 3


Similar Part No. - CAS-1400

ManufacturerPart #DatasheetDescription
logo
Level One
CAS-1400 LVL1-CAS-1400 Datasheet
416Kb / 5P
   Fixed IP Network Camera, 2-Megapixel, 802.3af PoE
More results

Similar Description - CAS-1400

ManufacturerPart #DatasheetDescription
logo
Level One
CAS-1300 LVL1-CAS-1300 Datasheet
221Kb / 3P
   Megapixel 1/3??CCD high-definition (HD) resolution 2.8 ~ 8.5 mm adjustable Vari-focal length for wide angle surveillance
FCS-3091 LVL1-FCS-3091 Datasheet
515Kb / 6P
   2-Megapixel (1600 x 1200) high-definition resolution Offers various 360째/180째 video modes for panoramic wide-angle surveillance
FCS-3101 LVL1-FCS-3101 Datasheet
454Kb / 5P
   2-Megapixel (1920 x 1080) high-definition resolution Removable IR-cut filter for day and night surveillance
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
   3~8mm Vari-Focal Lens
FCS-3081 LVL1-FCS-3081 Datasheet
3Mb / 8P
   2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
FCS-4101 LVL1-FCS-4101 Datasheet
435Kb / 5P
   2-Megapixel (1920 x 1080) high-definition resolution Support unique features for auto-tracking function of moving objects
FCS-5051 LVL1-FCS-5051 Datasheet
442Kb / 6P
   2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
FCS-5061 LVL1-FCS-5061 Datasheet
349Kb / 6P
   5-Megapixel (2592 x 1944) high-definition resolution Weatherproof IP66-rated with wide operating temperature (-40째C to 50째C) for harsh environments
FCS-3062 LVL1-FCS-3062 Datasheet
472Kb / 6P
   2-Megapixel (1920 x 1080) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
CAS-1101 LVL1-CAS-1101 Datasheet
167Kb / 2P
   5~50mm Vari-Focal Day/Night Lens
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com