Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA544F Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA544F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA544F Datasheet(HTML) 6 Page - Burr-Brown (TI)

  OPA544F Datasheet HTML 1Page - Burr-Brown (TI) OPA544F Datasheet HTML 2Page - Burr-Brown (TI) OPA544F Datasheet HTML 3Page - Burr-Brown (TI) OPA544F Datasheet HTML 4Page - Burr-Brown (TI) OPA544F Datasheet HTML 5Page - Burr-Brown (TI) OPA544F Datasheet HTML 6Page - Burr-Brown (TI) OPA544F Datasheet HTML 7Page - Burr-Brown (TI) OPA544F Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
®
6
OPA544
TYPICAL PERFORMANCE CURVES (CONT)
APPLICATIONS INFORMATION
Figure 1 shows the OPA544 connected as a basic non-
inverting amplifier. The OPA544 can be used in virtually
any op amp configuration. Power supply terminals should be
bypassed with low series impedance capacitors. The tech-
nique shown, using a ceramic and tantalum type in parallel
is recommended. Power supply wiring should have low
series impedance and inductance.
The safe output current decreases as VS–VO increases. Output
short-circuits are a very demanding case for SOA. A short-circuit
to ground forces the full power supply voltage (V+ or V–) across
the conducting transistor. With VS = ±35V the safe output current
is 1.5A (at 25˚C). The short-circuit current is approximately 4A
which exceeds the SOA. This situation will activate the thermal
shutdown circuit in the OPA544. For further insight on SOA,
consult Application Bulletin AB-039.
SAFE OPERATING AREA
Stress on the output transistors is determined by the output
current and the voltage across the conducting output transis-
tor, VS–VO. The power dissipated by the output transistor is
equal to the product of the output current and the voltage
across the conducting transistor, VS–VO. The Safe Operating
Area (SOA curve, Figure 2) shows the permissible range of
voltage and current.
FIGURE 1. Basic Circuit Connections.
At T
CASE = +25°C, VS = ±35V, unless otherwise noted.
5V/div
G = 1+
= 3
R
2
R
1
+
Z
L
V
O
R
2
10k
R
1
5k
0.1µF
10µF
OPA544
V–
–35V
+35V
V+
V
IN
+
10µF
0.1µF
200MV/div
SMALL SIGNAL RESPONSE
G = 3, C
L = 1nF
2µs/div
FIGURE 2. Safe Operating Area.
12
5
10
|V
S – VO|
(V)
20
50
100
SAFE OPERATING AREA
10
4
1
0.4
0.1
Current-Limited
T
C = 25°C
T
C = 125°C
T
C = 85°C
Output current may
be limited to less
than 4A—see text.
CURRENT LIMIT
The OPA544 has an internal current limit set for approxi-
mately 4A. This current limit decreases with increasing
junction temperature as shown in the typical curve, Current
Limit vs Temperature. This, in combination with the thermal
shutdown circuit, provides protection from many types of
overload. It may not, however, protect for short-circuit to
ground, depending on the power supply voltage, ambient
temperature, heat sink and signal conditions.


Similar Part No. - OPA544F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA544F TI-OPA544F Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA544F TI1-OPA544F Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
OPA544F/500 TI-OPA544F/500 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA544F/500 TI1-OPA544F/500 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
OPA544F/500G3 TI1-OPA544F/500G3 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
More results

Similar Description - OPA544F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com