Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCS-3081 Datasheet(PDF) 7 Page - Level One

Part # FCS-3081
Description  2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-3081 Datasheet(HTML) 7 Page - Level One

  FCS-3081 Datasheet HTML 1Page - Level One FCS-3081 Datasheet HTML 2Page - Level One FCS-3081 Datasheet HTML 3Page - Level One FCS-3081 Datasheet HTML 4Page - Level One FCS-3081 Datasheet HTML 5Page - Level One FCS-3081 Datasheet HTML 6Page - Level One FCS-3081 Datasheet HTML 7Page - Level One FCS-3081 Datasheet HTML 8Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CAS-3221
Corner Plate Mini
CAS-3201
Mini Pendant
CAS-3242
50cm Straight Tube
CAS-3241
25cm Straight Tube
CAS-3101
Interior Corner Mount Kit
CAS-3100
T-Bar Ceiling Mount Kit
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
www.level1.com
Page 7 of 8


Similar Part No. - FCS-3081

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
   Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3082 LVL1-FCS-3082_18 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
   Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
953Kb / 5P
   Varifocal Dome IP Network Camera
More results

Similar Description - FCS-3081

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-5051 LVL1-FCS-5051 Datasheet
442Kb / 6P
   2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
FCS-6010 LVL1-FCS-6010 Datasheet
476Kb / 6P
   1.3-Megapixel (1280x1024) high-definition resolution Built-in infrared LEDs for night viewing up to 10m
FCS-3052 LVL1-FCS-3052 Datasheet
532Kb / 6P
   3-Megapixel (2032x1536) high-definition resolution Built-in infrared LEDs for night viewing up to 10m
FCS-3101 LVL1-FCS-3101 Datasheet
454Kb / 5P
   2-Megapixel (1920 x 1080) high-definition resolution Removable IR-cut filter for day and night surveillance
FCS-3062 LVL1-FCS-3062 Datasheet
472Kb / 6P
   2-Megapixel (1920 x 1080) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-4101 LVL1-FCS-4101 Datasheet
435Kb / 5P
   2-Megapixel (1920 x 1080) high-definition resolution Support unique features for auto-tracking function of moving objects
logo
Roithner LaserTechnik G...
LDM-0980-CMOUNT-TO3 ROITHNER-LDM-0980-CMOUNT-TO3 Datasheet
202Kb / 3P
   Pumping Medical Usage Infrared Sources for Night Viewing Information Recognition
logo
Level One
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
   2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
FCS-1122 LVL1-FCS-1122 Datasheet
368Kb / 5P
   Megapixel (1280 x 800) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-3061 LVL1-FCS-3061 Datasheet
457Kb / 6P
   Megapixel (1280 x 720) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com