Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA549T Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA549T
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA549T Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA549T Datasheet HTML 1Page - Burr-Brown (TI) OPA549T Datasheet HTML 2Page - Burr-Brown (TI) OPA549T Datasheet HTML 3Page - Burr-Brown (TI) OPA549T Datasheet HTML 4Page - Burr-Brown (TI) OPA549T Datasheet HTML 5Page - Burr-Brown (TI) OPA549T Datasheet HTML 6Page - Burr-Brown (TI) OPA549T Datasheet HTML 7Page - Burr-Brown (TI) OPA549T Datasheet HTML 8Page - Burr-Brown (TI) OPA549T Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
®
3
OPA549
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
Output Current ................................................ See SOA Curve (Figure 6)
Supply Voltage, V+ to V– ................................................................... 60V
Input Voltage Range ....................................... (V–) – 0.5V to (V+) + 0.5V
Input Shutdown Voltage ................................................... Ref – 0.5 to V+
Operating Temperature .................................................. –40
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
ESD Capability (Human Body Model) ............................................. 2000V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability.
CONNECTION DIAGRAM
PACKAGE/ORDERING INFORMATION
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER
RANGE
OPA549T
11-Lead Power ZIP
242
–40
°C to +85°C
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
–In
+In
Ref
I
LIM
E/S
V+
V
O
13579
11
2468
10
V–
Tab connected to V–. Do not use to conduct current.
Connect both pins 1 and 2 to output.
Connect both pins 5 and 7 to V–.
Connect both pins 10 and 11 to V+.


Similar Part No. - OPA549T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA549T TI-OPA549T Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549TG3 TI-OPA549TG3 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA549T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com