Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1024A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1024A
Description  IF SAW Filter 872.4MHz SMD 13.3X6.5mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1024A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1024A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1024A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1024A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1024A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1024A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1024A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
D. Outline Drawing:
#K : Input
#L : Input Ground
#E : Output
#F : Output Ground
#A,B,C,D,G,H,I,J : Ground
: Week Code
Unit: mm
: Product / Year C
ode
Product Code Table
Year
2009
2013
2010
2014
2011
2015
2012
2016
Product Code
B
b
B
b
Date Code Table
1 0 2 4
WK01 WK02 WK03 WK04 WK05 WK06 WK07 WK08 WK09 WK10 WK11 WK12 WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14 WK15 WK16 WK17 WK18 WK19 WK20 WK21 WK22 WK23 WK24 WK25 WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27 WK28 WK29 WK30 WK31 WK32 WK33 WK34 WK35 WK36 WK37 WK38 WK39
ab
c
d
e
f
gh
i
j
k
l
m
WK40 WK41 WK42 WK43 WK44 WK45 WK46 WK47 WK48 WK49 WK50 WK51 WK52
no
pq
r
s
t
u
v
w
x
y
z


Similar Part No. - TB1024A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1024A TAI-SAW-TB1024A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TB1024A GOLLEDGE-TB1024A Datasheet
91Kb / 5P
   SAW Filter 872.40MHz
More results

Similar Description - TB1024A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1008A TAI-SAW-TB1008A Datasheet
170Kb / 7P
   IF SAW Filter 828MHz SMD 13.3X6.5mm
TB1009A TAI-SAW-TB1009A Datasheet
170Kb / 7P
   IF SAW Filter 873MHz SMD 13.3X6.5mm
TB1022A TAI-SAW-TB1022A Datasheet
365Kb / 7P
   IF SAW Filter 827.4MHz SMD 13.3X6.5mm
TB1182A TAI-SAW-TB1182A Datasheet
179Kb / 7P
   IF SAW Filter 793MHz SMD 13.3X6.5mm
TB0880A TAI-SAW-TB0880A Datasheet
371Kb / 6P
   IF SAW Filter 830MHz SMD 13.3X6.5mm
TB1023A TAI-SAW-TB1023A Datasheet
338Kb / 6P
   IF SAW Filter 827.4MHz SMD 13.3X6.5mm
TB1183A TAI-SAW-TB1183A Datasheet
179Kb / 7P
   IF SAW Filter 738MHz SMD 13.3X6.5mm
TB0883A TAI-SAW-TB0883A Datasheet
377Kb / 6P
   IF SAW Filter 875MHz SMD 13.3X6.5mm
TB1366A TAI-SAW-TB1366A Datasheet
388Kb / 7P
   140MHz 9.3MHz BW SMD 13.3x6.5mm SAW IF Filter
TB0805A TAI-SAW-TB0805A Datasheet
390Kb / 7P
   IF SAW Filter 874MHz(BW=15.1MHz) SMD 13.3X6.5mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com