Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA606 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA606
Description  Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA606 Datasheet(HTML) 6 Page - Burr-Brown (TI)

  OPA606 Datasheet HTML 1Page - Burr-Brown (TI) OPA606 Datasheet HTML 2Page - Burr-Brown (TI) OPA606 Datasheet HTML 3Page - Burr-Brown (TI) OPA606 Datasheet HTML 4Page - Burr-Brown (TI) OPA606 Datasheet HTML 5Page - Burr-Brown (TI) OPA606 Datasheet HTML 6Page - Burr-Brown (TI) OPA606 Datasheet HTML 7Page - Burr-Brown (TI) OPA606 Datasheet HTML 8Page - Burr-Brown (TI) OPA606 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
®
OPA606
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, VCC = ±15V unless otherwise noted.
MAXIMUM UNDISTORTED OUTPUT
VOLTAGE vs FREQUENCY
30
20
10
0
Frequency (Hz)
10k
100k
1M
10M
GAIN-BANDWIDTH AND SLEW RATE
vs SUPPLY VOLTAGE
14
12
10
8
Supply Voltage (±V
CC)
0
5
10
15
20
40
35
30
25
GBW
S/R
SUPPLY CURRENT vs TEMPERATURE
8
7
6
5
4
Ambient Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
OPEN-LOOP GAIN vs TEMPERATURE
130
120
110
100
90
Ambient Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
GAIN-BANDWIDTH AND SLEW RATE
vs TEMPERATURE
16
14
12
10
8
Ambient Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
38
36
34
32
30
GBW
S/R
OPEN-LOOP GAIN AND SUPPLY CURRENT
vs SUPPLY VOLTAGE
120
110
100
Supply Voltage (±V
CC)
0
5
10
15
20
10
9
8
7
6
5
4


Similar Part No. - OPA606

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA606KM TI1-OPA606KM Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA606KP TI1-OPA606KP Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA606KPG4 TI1-OPA606KPG4 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA606LM TI1-OPA606LM Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA606

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA671 BURR-BROWN-OPA671 Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Burr-Brown (TI)
OPA128 BURR-BROWN-OPA128 Datasheet
138Kb / 9P
   Difet Electrometer-Grade OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com