Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA620 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA620
Description  Wideband Precision OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA620 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA620 Datasheet HTML 1Page - Burr-Brown (TI) OPA620 Datasheet HTML 2Page - Burr-Brown (TI) OPA620 Datasheet HTML 3Page - Burr-Brown (TI) OPA620 Datasheet HTML 4Page - Burr-Brown (TI) OPA620 Datasheet HTML 5Page - Burr-Brown (TI) OPA620 Datasheet HTML 6Page - Burr-Brown (TI) OPA620 Datasheet HTML 7Page - Burr-Brown (TI) OPA620 Datasheet HTML 8Page - Burr-Brown (TI) OPA620 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
®
OPA620
2
OPA620KP, KU
OPA620SG
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT NOISE
Voltage: fO = 100Hz
RS = 0Ω
10
T
nV/
Hz
fO = 1kHz
5.5
T
nV/
Hz
fO = 10kHz
3.3
T
nV/
Hz
fO = 100kHz
2.5
T
nV/
Hz
fO = 1MHz to 100MHz
2.3
T
nV/
Hz
fB = 100Hz to 10MHz
8.0
T
µVrms
Current: fO = 10kHz to 100MHz
2.3
T
pA/
Hz
OFFSET VOLTAGE(1)
Input Offset Voltage
VCM = 0VDC
±200
±1000
TT
µV
Average Drift
TA = TMIN to TMAX
±8
T
µV/°C
Supply Rejection
±V
CC = 4.5V to 5.5V
50
60
TT
dB
BIAS CURRENT
Input Bias Current
VCM = 0VDC
15
30
TT
µA
OFFSET CURRENT
Input Offset Current
VCM = 0VDC
0.2
2
TT
µA
INPUT IMPEDANCE
Differential
Open-Loop
15 || 1
T
k
Ω || pF
Common-Mode
1 || 1
T
M
Ω || pF
INPUT VOLTAGE RANGE
Common-Mode Input Range
±3.0
±3.5
TT
V
Common-Mode Rejection
VIN = ±2.5VDC, VO = 0VDC
65
75
TT
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL = 100Ω
50
60
TT
dB
RL = 50Ω
48
58
TT
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
Gain = +1V/V
300
T
MHz
(–3dB)
Gain = +2V/V
100
T
MHz
Gain = +5V/V
40
T
MHz
Gain = +10V/V
20
T
MHz
Gain-Bandwidth Product
Gain
≥ +5V/V
200
T
MHz
Differential Gain
3.58MHz, G = +1V/V
0.05
T
%
Differential Phase
3.58MHz, G = +1V/V
0.05
T
Degrees
Harmonic Distortion(2)
G = +2V/V, f = 10MHz, VO = 2Vp-p
Second Harmonic
–61
–50
TT
dBc(3)
Third Harmonic
–65
–55
TT
dBc
Full Power Bandwidth(2)
VO = 5Vp-p, Gain = +1V/V
11
16
TT
MHz
VO = 2Vp-p, Gain = +1V/V
27
40
TT
MHz
Slew Rate(2)
2V Step, Gain = –1V/V
175
250
TT
V/
µs
Overshoot
2V Step, Gain = –1V/V
10
T
%
Settling Time: 0.1%
2V Step, Gain = –1V/V
13
T
ns
0.01%
25
T
ns
Phase Margin
Gain = +1V/V
60
T
Degrees
Rise Time
Gain = +1V/V, 10% to 90%
VO = 100mVp-p; Small Signal
2
T
ns
VO = 6Vp-p; Large Signal
22
T
ns
RATED OUTPUT
Voltage Output
RL = 100Ω±3.0
±3.5
TT
V
RL = 50Ω±2.5
±3.0
TT
V
Output Resistance
1MHz, Gain = +1V/V
0.015
T
Load Capacitance Stability
Gain = +1V/V
20
T
pF
Short Circuit Current
Continuous
±150
T
mA
POWER SUPPLY
Rated Voltage
±V
CC
5
T
VDC
Derated Performance
±V
CC
4.0
6.0
TT
VDC
Current, Quiescent
IO = 0mA
21
23
TT
mA
TEMPERATURE RANGE
Specification: KP, KU
Ambient Temperature
–40
+85
TT
°C
SG
–55
+125
°C
Operating: SG
Ambient Temperature
–55
+125
°C
KP, KU
–40
+85
°C
θ
JA:SG
125
°C/W
KP
90
°C/W
KU
100
°C/W
ELECTRICAL
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.
SPECIFICATIONS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or
licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support
devices and/or systems.


Similar Part No. - OPA620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA620 TI1-OPA620 Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA620KG TI1-OPA620KG Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA620KP TI1-OPA620KP Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA620KU TI1-OPA620KU Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA620KU/2K5 TI1-OPA620KU/2K5 Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA620

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wideband Operational Amplifier
logo
List of Unclassifed Man...
TDB2022 ETC1-TDB2022 Datasheet
349Kb / 8P
   WIDEBAND SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com