Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA602SM Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA602SM
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA602SM Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA602SM Datasheet HTML 1Page - Burr-Brown (TI) OPA602SM Datasheet HTML 2Page - Burr-Brown (TI) OPA602SM Datasheet HTML 3Page - Burr-Brown (TI) OPA602SM Datasheet HTML 4Page - Burr-Brown (TI) OPA602SM Datasheet HTML 5Page - Burr-Brown (TI) OPA602SM Datasheet HTML 6Page - Burr-Brown (TI) OPA602SM Datasheet HTML 7Page - Burr-Brown (TI) OPA602SM Datasheet HTML 8Page - Burr-Brown (TI) OPA602SM Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
®
OPA602
EO
RS
TOTAL INPUT VOLTAGE NOISE SPECTRAL DENSITY
AT 1kHz vs SOURCE RESISTANCE
1k
100
10
1
100
1k
10k
100k
1M
10M
100M
Source Resistance ( )
OPA602 + Resistor
Resistor Noise Only
POWER SUPPLY REJECTION AND COMMON-MODE
REJECTION vs TEMPERATURE
110
–75
Temperature (°C)
105
100
95
90
–50
–25
0
25
50
75
100
125
CMR
PSR
INPUT VOLTAGE NOISE SPECTRAL DENSITY
1k
100
10
1
1
10
100
1k
10k
100k
1M
Frequency (Hz)
INPUT CURRENT NOISE SPECTRAL DENSITY
100
10
1
0.1
1
10
100
1k
10k
100k
1M
Frequency (Hz)
DICE INFORMATION
TYPICAL PERFORMANCE CURVES
TA = +25°C, VS = ±15VDC unless otherwise noted.
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
63 x 58
±5
1.60 x 1.47
±0.13
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.10 x 0.10
Backing
None
Transistor Count
36
PAD
FUNCTION
1
Offset Trim
2
–In
3
+In
4–VS
5
Offset Trim
6
Output
7+VS
Substrate Bias: –VS
NC: No Connection.
OPA602 DIE TOPOGRAPHY
5
4
3
2
6
7
1


Similar Part No. - OPA602SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA602SM TI-OPA602SM Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA602SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Texas Instruments
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com