Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA606LM Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA606LM
Description  Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA606LM Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA606LM Datasheet HTML 1Page - Burr-Brown (TI) OPA606LM Datasheet HTML 2Page - Burr-Brown (TI) OPA606LM Datasheet HTML 3Page - Burr-Brown (TI) OPA606LM Datasheet HTML 4Page - Burr-Brown (TI) OPA606LM Datasheet HTML 5Page - Burr-Brown (TI) OPA606LM Datasheet HTML 6Page - Burr-Brown (TI) OPA606LM Datasheet HTML 7Page - Burr-Brown (TI) OPA606LM Datasheet HTML 8Page - Burr-Brown (TI) OPA606LM Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
®
OPA606
SPECIFICATIONS
ELECTRICAL
At V
CC = ±15VDC and TA = +25°C unless otherwise noted.
OPA606KM
OPA606LM
OPA606KP
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
FREQUENCY RESPONSE
Gain Bandwidth
Small Signal
10
12.5
11
13
9
12
MHz
Full Power Response
20Vp-p, RL = 2kΩ
515
550
470
kHz
Slew Rate
VO = ±10V,
22
33
25
35
20
30
V/
µs
RL = 2kΩ
Settling Time(1): 0.1%
Gain = –1,
1.0
1.0
1.0
µs
RL = 2kΩ
0.01%
10V Step
2.1
2.1
2.1
µs
Total Harmonic Distortion
G = +1, 20Vp-p
0.0035
0.0035
0.0035
%
RL = 2kΩ
f = 10kHz
INPUT OFFSET VOLTAGE(2)
Input Offset Voltage
VCM = 0VDC
±180
±1.5mV
±100
±500
±300
±3mV
µV
Average Drift
TA = TMIN to TMAX
±5
±3
±5
±10
µV/°C
Supply Rejection
VCC = ±10V to ±18V
82
100
90
104
80
90
dB
±10
±79
±6
±32
±32
±100
µV/V
BIAS CURRENT(2)
Input Bias Current
VCM = 0VDC
±7
±15
±5
±10
±8
±25
pA
OFFSET CURRENT(2)
Input Offset Current
VCM = 0VDC
±0.6
±10
±0.4
±5
±1
±15
pA
NOISE
Voltage, fO = 10Hz
100% tested (L)
37
30
40
37
nV/
√Hz
100Hz
100% tested (L)
21
20
28
21
nV/
√Hz
1kHz
100% tested (L)
14
13
16
14
nV/
√Hz
10kHz
(3)
12
11
13
12
nV/
√Hz
20kHz
(3)
11
10.5
13
11
nV/
√Hz
fB = 10Hz to 10kHz
(3)
1.3
1.2
1.5
1.3
µVrms
Current, fO = 0.1Hz thru 20kHz
(3)
1.5
1.3
2
1.7
fA/
√Hz
IMPEDANCE
Differential
1013 || 1
1013 || 1
1013 || 1
Ω || pF
Common-Mode
1014 || 3
1014 || 3
1014 || 3
Ω || pF
VOLTAGE RANGE
Common-Mode Input Range
±10.5
±11.5
±11
±11.6
±10.2
±11
V
Common-Mode Rejection
VIN = ±10VDC
80
95
85
96
78
90
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
95
115
100
118
90
110
dB
RATED OUTPUT
Voltage Output
RL = 2kΩ±11
±12.2
±12
±12.6
±11
±12
V
Current Output
VO = ±10VDC
±5
±10
±5
±10
±5
±10
mA
Output Resistance
DC, Open Loop
40
40
40
Load Capacitance Stability
Gain = +1
1000
1000
1000
pF
Short Circuit Current
10
20
10
20
10
20
mA
POWER SUPPLY
Rated Voltage
±15
±15
±15
VDC
Voltage Range,
Derated Performance
±5
±18
±5
±18
±5
±18
VDC
Current, Quiescent
IO = 0mADC
6.5
9.5
6.2
9
6.5
10
mA
TEMPERATURE RANGE
Specification
Ambient Temperature
KM, KP, LM
0
+70
0
+70
0
+70
°C
Operating
Ambient Temperature
–55
+125
–55
+125
–40
+85
°C
θ
JA
200
200
155
°C/W
NOTES: (1) See settling time test circuit in Figure 2. (2) Offset voltage, offset current, and bias current are measured with the units fully warmed up. (3) Sample
tested–this parameter is guaranteed on L grade only.


Similar Part No. - OPA606LM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA606LM TI1-OPA606LM Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA606LM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA671 BURR-BROWN-OPA671 Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Burr-Brown (TI)
OPA128 BURR-BROWN-OPA128 Datasheet
138Kb / 9P
   Difet Electrometer-Grade OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com