Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA631U Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA631U
Description  Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA631U Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA631U Datasheet HTML 7Page - Burr-Brown (TI) OPA631U Datasheet HTML 8Page - Burr-Brown (TI) OPA631U Datasheet HTML 9Page - Burr-Brown (TI) OPA631U Datasheet HTML 10Page - Burr-Brown (TI) OPA631U Datasheet HTML 11Page - Burr-Brown (TI) OPA631U Datasheet HTML 12Page - Burr-Brown (TI) OPA631U Datasheet HTML 13Page - Burr-Brown (TI) OPA631U Datasheet HTML 14Page - Burr-Brown (TI) OPA631U Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
®
OPA631, OPA632
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE-FEEDBACK OPERATION
The OPA631 and OPA632 are unity-gain stable, very high-
speed, voltage-feedback op amps designed for single-supply
operation (+3V to +5V). The input stage supports input
voltages below ground, and within 1.0V of the positive
supply. The complementary common-emitter output stage
provides an output swing to within 30mV of ground and
130mV of the positive supply. They are compensated to
provide stable operation with a wide range of resistive loads.
The OPA632’s internal disable circuitry is intended to mini-
mize system power when disabled.
Figure 1 shows the AC-coupled, gain of +2 configuration
used for the +5V Specifications and Typical Performance
Curves. For test purposes, the input impedance is set to 50
with a resistor to ground. Voltage swings reported in the
Specifications are taken directly at the input and output pins.
For the circuit of Figure 1, the total effective load on the
output at high frequencies is 150
Ω || 1500Ω. The disable pin
(OPA635 only) needs to be driven by a low impedance
source, such as a CMOS inverter. The 1.50k
Ω resistors at
the non-inverting input provide the common-mode bias
voltage. Their parallel combination equals the DC resistance
at the inverting input, minimizing the output DC offset.
SINGLE-SUPPLY ADC CONVERTER INTERFACE
The front page shows a DC-coupled, single-supply ADC
driver circuit. Many systems are now requiring +3V supply
capability of both the ADC and its driver. The OPA632
provides excellent performance in this demanding applica-
tion. Its large input and output voltage ranges, and low
distortion, support converters such as the ADS901 shown in
this figure. The input level-shifting circuitry was designed
so that VIN can be between 0V and 0.5V, while delivering an
output voltage of 1V to 2V for the ADS901. Both the
OPA632 and ADS901 have power reduction pins with the
same polarity for those systems that need to conserve power.
DC LEVEL SHIFTING
Figure 3 shows a DC-coupled non-inverting amplifier that
level-shifts the input up to accommodate the desired output
voltage range. Given the desired signal gain (G), and the
amount VOUT needs to be shifted up (∆VOUT) when VIN is at
the center of its range, the following equations give the
resistor values that produce the best DC offset.
NG = G +
∆V
OUT/VS
R1 = R4/G
R2 = R4/(NG – G)
R3 = R4/(NG –1)
where:
NG = 1 + R4/R3 (Noise Gain)
VOUT = (G)VIN + (NG – G)VS
Make sure that VIN and VOUT stay within the specified input
and output voltage ranges.
Figure 2 shows the DC-coupled, gain of +2 configuration
used for the +3V Specifications and Typical Performance
Curves. For test purposes, the input impedance is set to 50
with a resistor to ground. Though not strictly a “rail-to-rail”
design, these parts come very close, while maintaining
excellent performance. They will deliver
≈ 2.9Vp-p on a
single +3V supply with 61MHz bandwidth. The 374
Ω and
2.26k
Ω resistors at the input level-shift V
IN so that VOUT is
within the allowed output voltage range when VIN = 0. See
the Typical Performance Curves for information on driving
capacitive loads.
FIGURE 1. AC-Coupled Signal—Resistive Load to Supply
Midpoint.
FIGURE 2. DC-Coupled Signal—Resistive Load to Supply
Midpoint.
OPA63x
+V
S = 5V
DIS (OPA632 only)
V
OUT
53.6
V
IN
750
1.50k
1.50k
R
L
150
+V
S
2
750
6.8
µF
+
0.1
µF
0.1
µF
0.1
µF
+
OPA63x
+V
S = 3V
DIS (OPA632 only)
V
OUT
57.6
V
IN
562
374
2.26k
R
L
150
+V
S
2
750
6.8
µF
+
0.1
µF
+


Similar Part No. - OPA631U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA631U TI1-OPA631U Datasheet
298Kb / 18P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
OPA631U/2K5 TI1-OPA631U/2K5 Datasheet
298Kb / 18P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA631U

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com