Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA633 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA633
Description  High Speed BUFFER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA633 Datasheet(HTML) 7 Page - Burr-Brown (TI)

  OPA633 Datasheet HTML 1Page - Burr-Brown (TI) OPA633 Datasheet HTML 2Page - Burr-Brown (TI) OPA633 Datasheet HTML 3Page - Burr-Brown (TI) OPA633 Datasheet HTML 4Page - Burr-Brown (TI) OPA633 Datasheet HTML 5Page - Burr-Brown (TI) OPA633 Datasheet HTML 6Page - Burr-Brown (TI) OPA633 Datasheet HTML 7Page - Burr-Brown (TI) OPA633 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
®
OPA633
LARGE SIGNAL RESPONSE
10V STEP — R
L = 1kΩ
10ns/div
10V STEP — R
L = 100kΩ
10ns/div
SMALL SIGNAL RESPONSE
0.5V STEP — R
L = 1kΩ
FIGURE 2. Dynamic Response Test Circuit.
OPA633
R
10
R
L
C
1
0.1µF
C
4
0.1µF
+15V
–15V
V
OUT
R
5
50
50
Pulse
Generator
V
IN
Termination
10V
V
IN
0
10V
V
OUT
0
10V
V
IN
0
10V
V
OUT
0
0.5V
V
IN
0
0.5V
V
OUT
0
FIGURE 1. Coaxial Cable Driver Circuit.
NEGATIVE PULSE RESPONSE
0
V
IN
–100mV
0
V
OUT
–50mV
POSITIVE PULSE RESPONSE
100mV
V
IN
0
50mV
V
OUT
0
OPA633
R
10
50
RG-58
Coaxial Cable
R
2
50
C
1
0.1µF
C
4
0.1µF
R
1
180
+12V
–12V
V
IN


Similar Part No. - OPA633

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
   High Speed BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
logo
KODENSHI_AUK CORP.
OPA6330URO KODENSHI-OPA6330URO Datasheet
96Kb / 1P
   Ultra Red LED Chip
logo
Texas Instruments
OPA633KP TI1-OPA633KP Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
OPA633KPG4 TI1-OPA633KPG4 Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
More results

Similar Description - OPA633

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
   High Speed BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
logo
Burr-Brown (TI)
BUF600 BURR-BROWN-BUF600 Datasheet
247Kb / 14P
   HIGH-SPEED BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER AMP
MSK0002RH MSK-MSK0002RH Datasheet
590Kb / 7P
   RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
   RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com