Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA627AM Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA627AM
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA627AM Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA627AM Datasheet HTML 1Page - Burr-Brown (TI) OPA627AM Datasheet HTML 2Page - Burr-Brown (TI) OPA627AM Datasheet HTML 3Page - Burr-Brown (TI) OPA627AM Datasheet HTML 4Page - Burr-Brown (TI) OPA627AM Datasheet HTML 5Page - Burr-Brown (TI) OPA627AM Datasheet HTML 6Page - Burr-Brown (TI) OPA627AM Datasheet HTML 7Page - Burr-Brown (TI) OPA627AM Datasheet HTML 8Page - Burr-Brown (TI) OPA627AM Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
OPA627, 637
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
OPEN-LOOP GAIN vs TEMPERATURE
Temperature (°C)
125
120
115
110
105
–75
–50
–25
0
25
50
75
100
125
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
100
80
60
40
20
0
2
20
200
2k
20k
200k
2M
20M
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
OPA627
OPA637
COMMON-MODE REJECTION vs
INPUT COMMON MODE VOLTAGE
130
120
110
100
90
80
Common-Mode Voltage (V)
–15
–10
–5
0
5
10
15
POWER-SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
1
–V
S PSRR 627
and 637
+V
S PSRR 627
637
10
100
1k
10k
100k
1M
10M
POWER-SUPPLY REJECTION AND COMMON-MODE
REJECTION vs TEMPERATURE
Temperature (°C)
125
120
115
110
105
–75
PSR
CMR
–50
–25
0
25
50
75
100
125


Similar Part No. - OPA627AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627AM TI-OPA627AM Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA627AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com