Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA635 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA635
Description  Wideband, Single Supply OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA635 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA635 Datasheet HTML 3Page - Burr-Brown (TI) OPA635 Datasheet HTML 4Page - Burr-Brown (TI) OPA635 Datasheet HTML 5Page - Burr-Brown (TI) OPA635 Datasheet HTML 6Page - Burr-Brown (TI) OPA635 Datasheet HTML 7Page - Burr-Brown (TI) OPA635 Datasheet HTML 8Page - Burr-Brown (TI) OPA635 Datasheet HTML 9Page - Burr-Brown (TI) OPA635 Datasheet HTML 10Page - Burr-Brown (TI) OPA635 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
®
OPA634, OPA635
TYPICAL PERFORMANCE CURVES: VS = +5V (CONT)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 1).
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
2nd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
10
120
V
O = 2Vp-p
R
L = 100Ω
G = +2
G = +10
G = +5
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
3rd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
10
120
V
O = 2Vp-p
R
L = 100Ω
G = +5
G = +2
G = +10
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
HARMONIC DISTORTION vs LOAD RESISTANCE
R
L (Ω)
100
200
300
400
500
V
O = 2Vp-p
f
O = 5MHz
3rd Harmonic
Distortion
2nd Harmonic
Distortion
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
TWO-TONE, 3rd-ORDER
INTERMODULATION SPURIOUS
Single-Tone Load Power (dBm)
–16
–14
–12
–10
–8
–6
–4
–2
0
f
O = 5MHz
f
O = 10MHz
f
O = 20MHz
Load Power at
Matched 50
Ω Load
80
75
70
65
60
55
50
45
40
35
30
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
CMRR
PSRR
100
10
1
INPUT NOISE DENSITY vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
Voltage Noise, e
ni = 5.6nV/√Hz
Current Noise, i
ni = 2.8pA/√Hz


Similar Part No. - OPA635

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA635 TI1-OPA635 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA635 TI1-OPA635 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA635 TI1-OPA635 Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
OPA635N TI1-OPA635N Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
OPA635N/250 TI1-OPA635N/250 Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA635

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA634 TI1-OPA634 Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com