Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA651U Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA651U
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA651U Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA651U Datasheet HTML 1Page - Burr-Brown (TI) OPA651U Datasheet HTML 2Page - Burr-Brown (TI) OPA651U Datasheet HTML 3Page - Burr-Brown (TI) OPA651U Datasheet HTML 4Page - Burr-Brown (TI) OPA651U Datasheet HTML 5Page - Burr-Brown (TI) OPA651U Datasheet HTML 6Page - Burr-Brown (TI) OPA651U Datasheet HTML 7Page - Burr-Brown (TI) OPA651U Datasheet HTML 8Page - Burr-Brown (TI) OPA651U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
OPA651
®
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, VS = ±5V, RL = 100Ω, RFB = 402Ω, and G = +2, unless otherwise noted.
OUTPUT CURRENT vs TEMPERATURE
110
100
90
80
–50
–25
0
25
50
75
100
Temperature (°C)
I
O
+
I
O
INPUT VOLTAGE NOISE DENSITY vs FREQUENCY
100
1k
10k
100k
1M
Frequency (Hz)
100
10
1
SUPPLY CURRENT vs TEMPERATURE
8
7
6
5
4
3
2
1
0
–75
–50
–25
0
25
50
75
100
Ambient Temperature (°C)
INPUT BIAS CURRENT AND OFFSET VOLTAGE
vs TEMPERATURE
7
6
5
4
2
1
0
–1
–50
–25
0
25
50
75
100
Temperature (°C)
V
OS
I
B
COMMON-MODE REJECTION RATIO
vs COMMON-MODE INPUT VOLTAGE
100
90
80
70
60
50
40
30
–4
–2
–3
–1
0123
4
Common-Mode Voltage (V)
A
OL, PSR+, PSR–, AND CMRR vs TEMPERATURE
100
95
90
85
80
75
70
65
60
55
50
45
40
–75
–50
–25
0
25
50
75
100
Ambient Temperature (°C)
A
OL
PSR+
PSR–
CMRR


Similar Part No. - OPA651U

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
OPA6515PPS KODENSHI-OPA6515PPS Datasheet
526Kb / 1P
   Red Pin-Point LED Chip
More results

Similar Description - OPA651U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com