Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA643PB Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA643PB
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA643PB Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA643PB Datasheet HTML 2Page - Burr-Brown (TI) OPA643PB Datasheet HTML 3Page - Burr-Brown (TI) OPA643PB Datasheet HTML 4Page - Burr-Brown (TI) OPA643PB Datasheet HTML 5Page - Burr-Brown (TI) OPA643PB Datasheet HTML 6Page - Burr-Brown (TI) OPA643PB Datasheet HTML 7Page - Burr-Brown (TI) OPA643PB Datasheet HTML 8Page - Burr-Brown (TI) OPA643PB Datasheet HTML 9Page - Burr-Brown (TI) OPA643PB Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
®
OPA643
6
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, RF = 402Ω, unless otherwise noted.
3RD HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
110
0.1
20
G = 5
–40
–50
–60
–70
–80
–90
–100
V
O = 2Vp-p
G = 10
G = 20
0
DC Offset (V)
1.4
0.7
0
0.7
1.4
DC Offset (V)
0.004
0.002
0.000
–0.002
–0.004
–0.006
0.015
0.010
0.005
0.000
2ND HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
110
0.1
20
G = 10
–40
–50
–60
–70
–80
–90
–100
V
O = 2Vp-p
G = 20
G = 5
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
103
104
105
106
107
108
109
102
100
90
80
70
60
50
40
30
20
10
0
0
–30
–60
–90
–120
–150
–180
–210
–240
–270
–300
TWO-TONE, THIRD ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
5
0
1015
2025
3035
40
45
50
55
50
45
40
35
30
25
100
402
OPA643
50
50
50
P
i
P
O
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
100
10
1
102
103
104
105
106
107
Current Noise
Voltage Noise
2.5pA/
√Hz
2.3nV/
√Hz


Similar Part No. - OPA643PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA643PB TI1-OPA643PB Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
More results

Similar Description - OPA643PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com