Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS193 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS193
Description  PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS193 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS193 Datasheet HTML 1Page - Motorola, Inc 74LS193 Datasheet HTML 2Page - Motorola, Inc 74LS193 Datasheet HTML 3Page - Motorola, Inc 74LS193 Datasheet HTML 4Page - Motorola, Inc 74LS193 Datasheet HTML 5Page - Motorola, Inc 74LS193 Datasheet HTML 6Page - Motorola, Inc 74LS193 Datasheet HTML 7Page - Motorola, Inc 74LS193 Datasheet HTML 8Page - Motorola, Inc 74LS193 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
5-351
FAST AND LS TTL DATA
PRESETTABLE BCD/DECADE
UP/DOWN COUNTER
PRESETTABLE 4-BIT BINARY
UP/DOWN COUNTER
The SN54/74LS192 is an UP/DOWN BCD Decade (8421) Counter and the
SN54/74LS193 is an UP/DOWN MODULO-16 Binary Counter. Separate
Count Up and Count Down Clocks are used and in either counting mode the
circuits operate synchronously. The outputs change state synchronous with
the LOW-to-HIGH transitions on the clock inputs.
Separate Terminal Count Up and Terminal Count Down outputs are
provided which are used as the clocks for a subsequent stages without extra
logic, thus simplifying multistage counter designs. Individual preset inputs
allow the circuits to be used as programmable counters. Both the Parallel
Load (PL) and the Master Reset (MR) inputs asynchronously override the
clocks.
Low Power . . . 95 mW Typical Dissipation
High Speed . . . 40 MHz Typical Count Frequency
Synchronous Counting
Asynchronous Master Reset and Parallel Load
Individual Preset Inputs
Cascading Circuitry Internally Provided
Input Clamp Diodes Limit High Speed Termination Effects
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
P1
P0
MR TCD TCU
P2
PL
P3
Q1
Q0 CPD CPU Q2
Q3 GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
CPU
CPD
MR
PL
Pn
Qn
TCD
TCU
Count Up Clock Pulse Input
Count Down Clock Pulse Input
Asynchronous Master Reset (Clear) Input
Asynchronous Parallel Load (Active LOW) Input
Parallel Data Inputs
Flip-Flop Outputs (Note b)
Terminal Count Down (Borrow) Output (Note b)
Terminal Count Up (Carry) Output (Note b)
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
5 (2.5) U.L.
5 (2.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
b. Temperature Ranges.
SN54/74LS192
SN54/74LS193
PRESETTABLE BCD / DECADE
UP / DOWN COUNTER
PRESETTABLE 4-BIT BINARY
UP / DOWN COUNTER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
5
4
3
2 6 7
12
9
10
1
15
11
CPD
Q0 Q1 Q2 Q3
TCD
P3
P2
P1
P0
PL
CPU
TCU
13
MR
14


Similar Part No. - 74LS193

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LS193 FAIRCHILD-74LS193 Datasheet
74Kb / 7P
   Synchronous 4-Bit Binary Counter with Dual Clock
logo
Hitachi Semiconductor
74LS193 HITACHI-74LS193 Datasheet
104Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
More results

Similar Description - 74LS193

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
   PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
   PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
September 2002
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com