Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA660AU Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA660AU
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA660AU Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA660AU Datasheet HTML 7Page - Burr-Brown (TI) OPA660AU Datasheet HTML 8Page - Burr-Brown (TI) OPA660AU Datasheet HTML 9Page - Burr-Brown (TI) OPA660AU Datasheet HTML 10Page - Burr-Brown (TI) OPA660AU Datasheet HTML 11Page - Burr-Brown (TI) OPA660AU Datasheet HTML 12Page - Burr-Brown (TI) OPA660AU Datasheet HTML 13Page - Burr-Brown (TI) OPA660AU Datasheet HTML 14Page - Burr-Brown (TI) OPA660AU Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
®
OPA660
A positive voltage at the B, pin 3, causes a positive current
to flow out of the C, pin 8. Figure 5b shows an amplifier
connection of the OTA, the equivalent of a common-emitter
transistor amplifier. Input and output can be ground-refer-
enced without any biasing. Due to the sense of the output
current, the amplifier is non-inverting. Figure 8 shows the
amplifier with various gains and output voltages using this
configuration.
Just as transistor circuits often use emitter degeneration,
OTA circuits may also use degeneration. This can be used to
reduce the effect that offset voltage and offset current might
otherwise have on the DC operating point of the OTA. The
E-degeneration resistor may be bypassed with a large ca-
pacitor to maintain high AC gain. Other circumstances may
suggest a smaller value capacitor used to extend or optimize
high-frequency performance.
The transconductance of the OTA with degeneration can be
calculated by—
Figure 6b shows the OTA connected as an E-follower—a
voltage buffer. The buffer formed by this connection per-
forms virtually the same as the buffer section of the OPA660
(the actual signal path is identical).
It is recommended to use a low value resistor in series with
the B OTA and buffer inputs. This reduces any tendency to
oscillate and controls frequency response peaking. Values
from 25
Ω to 200Ω are typical.
Figure 7 shows the Common-B amplifier. This configura-
tion produces an inverting gain, and a low impedance input.
This low impedance can be converted to a high impedance
by inserting the buffer amplifier in series.
CIRCUIT LAYOUT
The high frequency performance of the OPA660 can be
greatly affected by the physical layout of the circuit. The
following tips are offered as suggestions, not dogma.
• Bypass power supplies very close to the device pins. Use
a combination between tantalum capacitors (approxi-
mately 2.2
µF) and polyester capacitors. Surface-mount
types are best because they provide lowest inductance.
• Make short, wide interconnection traces to minimize
series inductance.
• Use a large ground plane to assure that a low impedance
ground is available throughout the layout.
• Do not extend the ground plane under high impedance
nodes sensitive to stray capacitance.
• Sockets are not recommended because they add signifi-
cant inductance.
FIGURE 8. Common-E Amplifier Performance.
OTA
R
E
3
8
2
R
G =
, r
=
At I = 20mA r =
= 8
G =
at I = 20mA
R
L
R + r
EE
E
1
125mA/V
Q
E
1
gm
R
L
R + 8
E
Q
R
L = RL1 + RL2 || RIN
R
L1
r
E
R
1
100
L2
R
IN
Network
Analyzer
50
V
I
V
O
15
10
5
0
–5
–10
–15
–20
–25
–30
1M
10M
100M
1G
Frequency (Hz)
200mVp-p
2.8Vp-p
–3dB Point
1.4Vp-p
600mVp-p
I
Q = 20mA R1 = 100Ω RE = 51Ω RL = 50Ω Gain = 1
20
300k
3G
15
10
5
0
–5
–10
–15
–20
–25
–30
1M
10M
100M
1G
200mVp-p
2.8Vp-p
–3dB Point
1.4Vp-p
600mVp-p
Frequency (Hz)
I
Q = 20mA R1 = 100Ω RE = 51Ω RL = 100Ω Gain = 2
20
300k
3G
15
10
5
0
–5
–10
–15
–20
–25
–30
1M
10M
100M
1G
Frequency (Hz)
I
Q = 20mA R1 = 100Ω RE = 51Ω RL = 500Ω Gain = 10
20
100k
200mVp-p
1.4Vp-p
600mVp-p
5Vp-p
2.8Vp-p
–3dB Point
1
g
=
m
g m
+ RE
1


Similar Part No. - OPA660AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA660AU TI1-OPA660AU Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA660AU/2K5 TI1-OPA660AU/2K5 Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
More results

Similar Description - OPA660AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA660 TI1-OPA660 Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com