Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA681U Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA681U
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA681U Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA681U Datasheet HTML 7Page - Burr-Brown (TI) OPA681U Datasheet HTML 8Page - Burr-Brown (TI) OPA681U Datasheet HTML 9Page - Burr-Brown (TI) OPA681U Datasheet HTML 10Page - Burr-Brown (TI) OPA681U Datasheet HTML 11Page - Burr-Brown (TI) OPA681U Datasheet HTML 12Page - Burr-Brown (TI) OPA681U Datasheet HTML 13Page - Burr-Brown (TI) OPA681U Datasheet HTML 14Page - Burr-Brown (TI) OPA681U Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
®
OPA681
11
APPLICATIONS INFORMATION
WIDEBAND CURRENT FEEDBACK OPERATION
The OPA681 gives the exceptional AC performance of a
wideband current feedback op amp with a highly linear, high
power output stage. Requiring only 6mA quiescent current,
the OPA681 will swing to within 1V of either supply rail and
deliver in excess of 135mA guaranteed at room temperature.
This low output headroom requirement, along with supply
voltage independent biasing, gives remarkable single (+5V)
supply operation. The OPA681 will deliver greater than
200MHz bandwidth driving a 2Vp-p output into 100
Ω on a
single +5V supply. Previous boosted output stage amplifiers
have typically suffered from very poor crossover distortion
as the output current goes through zero. The OPA681
achieves a comparable power gain with much better linear-
ity. The primary advantage of a current feedback op amp
over a voltage feedback op amp is that AC performance
(bandwidth and distortion) is relatively independent of sig-
nal gain. For similar AC performance at low gain, with
improved DC accuracy, consider the high slew rate, unity
gain stable, voltage feedback OPA680.
Figure 1 shows the DC coupled, gain of +2, dual power
supply circuit configuration used as the basis of the
±5V
Specifications and Typical Performance Curves. For test
purposes, the input impedance is set to 50
Ω with a resistor
to ground and the output impedance is set to 50
Ω with a
series output resistor. Voltage swings reported in the speci-
fications are taken directly at the input and output pins while
load powers (dBm) are defined at a matched 50
Ω load. For
the circuit of Figure 1, the total effective load will be 100
|| 804
Ω = 89Ω. The disable control line (DIS) is typically left
open to guarantee normal amplifier operation. One optional
component is included in Figure 1. In addition to the usual
power supply de-coupling capacitors to ground, a 0.1
µF
capacitor is included between the two power supply pins. In
practical PC board layouts, this optional added capacitor
will typically improve the 2nd harmonic distortion perfor-
mance by 3dB to 6dB.
Figure 2 shows the AC-coupled, gain of +2, single supply
circuit configuration used as the basis of the +5V Specifica-
tions and Typical Performance Curves. Though not a “rail-
to-rail” design, the OPA681 requires minimal input and
output voltage headroom compared to other very wideband
current feedback op amps. It will deliver a 3Vp-p output
swing on a single +5V supply with greater than 150MHz
bandwidth. The key requirement of broadband single supply
operation is to maintain input and output signal swings
within the usable voltage ranges at both the input and the
output. The circuit of Figure 2 establishes an input midpoint
bias using a simple resistive divider from the +5V supply
(two 806
Ω resistors). The input signal is then AC coupled
into this midpoint voltage bias. The input voltage can swing
to within 1.5V of either supply pin, giving a 2Vp-p input
signal range centered between the supply pins. The input
impedance matching resistor (57.6
Ω) used for testing is
adjusted to give a 50
Ω input match when the parallel
combination of the biasing divider network is included. The
gain resistor (RG) is AC-coupled, giving the circuit a DC
gain of +1—which puts the input DC bias voltage (2.5V) on
the output as well. The feedback resistor value has been
adjusted from the bipolar supply condition to re-optimize for
a flat frequency response in +5V, gain of +2, operation (see
Setting Resistor Values to Optimize Bandwidth). Again, on
a single +5V supply, the output voltage can swing to within
1V of either supply pin while delivering more than 80mA
output current. A demanding 100
Ω load to a midpoint bias
is used in this characterization circuit. The new output stage
used in the OPA681 can deliver large bipolar output currents
into this midpoint load with minimal crossover distortion, as
shown by the +5V supply, 3rd harmonic distortion plots.
FIGURE 1. DC-Coupled, G = +2, Bipolar Supply, Specifi-
cation and Test Circuit.
FIGURE 2. AC-Coupled, G = +2, Single Supply Specifica-
tion and Test Circuit.
OPA681
+5V
+
DIS
–5V
–V
S
+V
S
50
Ω Load
50
50
V
O
V
I
50
Ω Source
R
G
402
R
F
402
+
6.8µF
0.1µF
6.8µF
0.1µF
0.1µF
OPA681
+5V
DIS
V
S/2
806
100
V
O
V
I
+V
S
57.6
806
R
F
499
R
G
499
0.1µF
0.1µF
6.8µF
+
0.1µF


Similar Part No. - OPA681U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681U BURR-BROWN-OPA681U Datasheet
59Kb / 4P
   EVALUATION FIXTURE
logo
Texas Instruments
OPA681U TI1-OPA681U Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA681U/2K5 TI1-OPA681U/2K5 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA681U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com