Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WAP-6150 Datasheet(PDF) 1 Page - Level One

Part # WAP-6150
Description  300Mbps Compatible with IEEE 802.11b/g/n wireless standards Multi-operation modes to suit different wireless applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

WAP-6150 Datasheet(HTML) 1 Page - Level One

  WAP-6150 Datasheet HTML 1Page - Level One WAP-6150 Datasheet HTML 2Page - Level One WAP-6150 Datasheet HTML 3Page - Level One WAP-6150 Datasheet HTML 4Page - Level One WAP-6150 Datasheet HTML 5Page - Level One WAP-6150 Datasheet HTML 6Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WAP-6150 Version: 1
300Mbps Wireless Gigabit PoE Access Point
The tough, high performance WAP-6150 is designed for fast wireless connectivity in enterprise or industrial
environments of all dimensions. Embedded with IEEE 802.11n/b/g 2.4GHz MIMO radio in an dust-proof
metal housing, the enterprise access point provides up to 300 Mbps internet speed in an industrial grade
housing.
WAP-6150 enables fast, secure and easy wireless communication, with a WEC button for switching the
device between Master and Slave Mode. In Slave Access Point (AP) mode, the device will extend a
connection without requiring login to the configured Web, The Wireless Access Point also supports tunnel-
based AP Management, and boasts business grade security such as 802.1X and Wi-Fi Protected Access
(WPA and WPA2). It also supports WDS for connecting multiple WAP-6150 devices, forming a wider
network area.
WAP-6150 features multiple ESSIDs with VLAN tags; one WAP-6150 can emulate up to eight Virtual APs,
so offers great performance in situations commonly found in large enterprise, such as separating traffic
from different departments using unique ESSIDs. Wireless clients are shielded from each other by Layer 2
isolation, preventing possible attacks from malicious users. When implemented with a Wireless Layer 2
firewall, WAP-6150 inspects all inter-virtual AP traffic as well as wireless-to-wired traffic and decides
whether to block or allow passage according to specified security criteria. The device is also PoE
compatible, according to standard IEEE 802.3af, and supports IEEE 802.11b/g/n wireless standards.
www.level1.com
Page 1 of 6


Similar Part No. - WAP-6150

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6101 LVL1-WAP-6101 Datasheet
487Kb / 5P
   Compatible with IEEE 802.11b/g/n wireless standards Multi-operation modes to suit different wireless applications
WAP-6110 LVL1-WAP-6110 Datasheet
420Kb / 4P
   300Mbps Wireless PoE Access Point
WAP-6111 LVL1-WAP-6111 Datasheet
630Kb / 5P
   Controller Managed
WAP-6111H LVL1-WAP-6111H Datasheet
439Kb / 4P
   Managed Ceiling Mount Wireless Access Point
WAP-6112 LVL1-WAP-6112 Datasheet
439Kb / 4P
   Managed Ceiling Mount Gigabit Wireless Access
More results

Similar Description - WAP-6150

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6101 LVL1-WAP-6101 Datasheet
487Kb / 5P
   Compatible with IEEE 802.11b/g/n wireless standards Multi-operation modes to suit different wireless applications
WAP-6013 LVL1-WAP-6013 Datasheet
596Kb / 6P
   Wireless network up to 300Mbps Compatible with IEEE 802.11b/g/n wireless standards
WAP-6221 LVL1-WAP-6221 Datasheet
468Kb / 4P
   Multi-operation modes to suite different wireless applications
WBO-0100 LVL1-WBO-0100 Datasheet
223Kb / 3P
   Works with IEEE 802.11b/g wireless LAN
WAP-6003 LVL1-WAP-6003 Datasheet
568Kb / 6P
   Provides flexibility of 5x 10/100BASE-TX ports Compatible with IEEE 802.11b/g/n wireless standards
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
TP-Link Technologies Co...
TL-WR841N TP-LINK-TL-WR841N_V05 Datasheet
1Mb / 3P
   300Mbps Wireless N Router
TL-WR841N TP-LINK-TL-WR841N_V03 Datasheet
1Mb / 3P
   300Mbps Wireless N Router
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com