Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1702-J Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1702-J
Description  BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1702-J Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PCM1702-J Datasheet HTML 1Page - Burr-Brown (TI) PCM1702-J Datasheet HTML 2Page - Burr-Brown (TI) PCM1702-J Datasheet HTML 3Page - Burr-Brown (TI) PCM1702-J Datasheet HTML 4Page - Burr-Brown (TI) PCM1702-J Datasheet HTML 5Page - Burr-Brown (TI) PCM1702-J Datasheet HTML 6Page - Burr-Brown (TI) PCM1702-J Datasheet HTML 7Page - Burr-Brown (TI) PCM1702-J Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
®
PCM1702
SPECIFICATIONS
All specifications at 25
°C, ±V
CC and +VDD = ±5V unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PCM1702P/U, -J, -K
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
20
Bits
DYNAMIC RANGE, THD + N at –60dB Referred to Full Scale, with A-weight
110
dB
DIGITAL INPUT
Logic Family
TTL/CMOS Compatible
Logic Level:
V
IH
+2.4
+V
DD
V
V
IL
0
0.8
V
I
IH
V
IH = +VDD
±10
µA
I
IL
V
IL = 0V
±10
µA
Data Format
Serial, MSB First, BTC(1)
Input Clock Frequency
12.5
20.0
MHz
TOTAL HARMONIC DISTORTION + N(2)
P/U
V
O = 0dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–92
–88
dB
V
O = –20dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–82
–74
dB
V
O = –60dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–46
–40
dB
P/U, -J
V
O = 0dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–96
–92
dB
V
O = –20dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–83
–76
dB
V
O = –60dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–48
–42
dB
P/U, -K
V
O = 0dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–100
–96
dB
V
O = –20dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–84
–80
dB
V
O = –60dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–50
–44
dB
ACCURACY
Level Linearity
At –90dB Signal Level
±0.5
dB
Gain Error
±0.5
±3%
Bipolar Zero Error(5)
±0.25
%
Gain Drift
0
°C to 70°C
±25
ppm of FSR/
°C
Bipolar Zero Drift
0
°C to 70°C
±5
ppm of FSR/
°C
Warm-up Time
1
minute
IDLE CHANNEL SNR(6)
Bipolar Zero, A-weighted Filter
110
120
dB
ANALOG OUTPUT
Output Range
±1.2
mA
Output Impedance
1.0
k
Settling Time
(
±0.003% of FSR, 1.2mA Step)
200
ns
Glitch Energy
No Glitch Around Zero
POWER SUPPLY REQUIREMENTS
Supply Voltage Range: +V
CC = +VDD
+4.75
+5.00
+5.25
V
–V
CC = –VDD
–4.75
–5.00
–5.25
V
Combined Supply Current: +I
CC
+V
CC = +VDD = +5V
+5.00
+9.0
mA
Combined Supply Current: –I
CC
–V
CC = –VDD = –5V
–25.00
–41.0
mA
Power Dissipation
±V
CC = ±VDD = ±5V
150
250
mW
TEMPERATURE RANGE
Operating
–25
+85
°C
Storage
–55
+125
°C
NOTES: (1) Binary Two’s Complement coding. (2) Ratio of (Distortion
RMS + NoiseRMS) / SignalRMS. (3) D/A converter sample frequency (8 x 44.1kHz; 8x oversampling).
(4) D/A converter output frequency (signal level). (5) Offset error at bipolar zero. (6) Measured using an OPA627 and 5k
Ω feedback and an A-weighted filter.


Similar Part No. - PCM1702-J

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1702P TI1-PCM1702P Datasheet
127Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1702P-J BURR-BROWN-PCM1702P-J Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1702P-J TI1-PCM1702P-J Datasheet
127Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1702P-JG4 BURR-BROWN-PCM1702P-JG4 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1702-J

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P_07 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1704U-2K TI-PCM1704U-2K Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1704 BURR-BROWN-PCM1704 Datasheet
229Kb / 9P
   24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM67P BURR-BROWN-PCM67P Datasheet
95Kb / 13P
   Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
logo
Texas Instruments
AD7524M TI-AD7524M Datasheet
253Kb / 12P
[Old version datasheet]   Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com