Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1710 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1710
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1710 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button PCM1710 Datasheet HTML 6Page - Burr-Brown (TI) PCM1710 Datasheet HTML 7Page - Burr-Brown (TI) PCM1710 Datasheet HTML 8Page - Burr-Brown (TI) PCM1710 Datasheet HTML 9Page - Burr-Brown (TI) PCM1710 Datasheet HTML 10Page - Burr-Brown (TI) PCM1710 Datasheet HTML 11Page - Burr-Brown (TI) PCM1710 Datasheet HTML 12Page - Burr-Brown (TI) PCM1710 Datasheet HTML 13Page - Burr-Brown (TI) PCM1710 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
®
PCM1710U
10
FUNCTIONAL DESCRIPTION
PCM1710 has several built-in functions including digital
attenuation, digital de-emphasis and soft mute. These func-
tions are software controlled. PCM1710 can be operated in
two different modes, Serial or Parallel. Serial Mode is a
three-wire interface using pin 26 (MD), pin 27 (MC), and pin
28 (ML). Data on these pins are used to control de-emphasis
mode, mute, double-speed dubbing, input resolution and
input format. PCM1710 can also be operated in parallel
mode, where static control signals are used on pin 26 (DM1),
pin 27 (DM2), and pin 28 (DSD). Operation of both of these
modes are covered in detail in the next sections.
CAUTION: Mode control signals operate on level triggered
logic. The minimum timing conditions detailed in Figures 5
and 6 MUST be observed.
DM1 (Pin 26)
DM2 (Pin 27)
De-emphasis
L
L
OFF
H
L
32kHz
L
H
48kHz
H
H
44.1kHz
PARALLEL-MODE: DE-EMPHASIS CONTROL
(PIN 24 [MODE] = L)
TABLE V. De-emphasis (Pins 26 and 27).
In the parallel mode, de-emphasis conditions are controlled
by the logic levels on pin 26 (DM1) and pin 27 (DM2). For
PCM1710, de-emphasis can operate at 32kHz, 44.1kHz,
48kHz, or disabled.
MODE CONTROL: SERIAL/PARALLEL SELECTION
MODE = H
Serial Mode
MODE = L
Parallel Mode
TABLE III. Serial and Parallel Mode are Selectable by
MODE Pin (Pin 24).
MODE CONTROL: SELECTABLE FUNCTIONS
TABLE IV. Selectable Functions in Serial Mode and
Parallel Mode.
SERIAL MODE
PARALLEL MODE
FUNCTION
(MODE = H)
(MODE = L)
Input Data Format Selection
0
X(Normal Mode Fixed)
Input Data Bit Selection
0
X(16-bit Fixed)
Input LRCI Polarity Selection
0
X
De-emphasis Control
0
0
Mute
0
0
Attenuation
0
X
Double Speed Dubbing
0
0
NOTE: 0: Selectable, X: Not Selectable.
Table IV indicates which functions are selectable within the
user’s chosen mode. All of the functions shown are select-
able within the serial mode, but only de-emphasis control,
mute and double-speed dubbing may be selected when using
PCM1710 in the parallel mode.
PARALLEL-MODE: DOUBLE-SPEED DUBBING
CONTROL (PIN 24 [MODE] = L)
DSD = H
Normal Mode
DSD = L
Double-Speed Dubbing Mode
NOTE: When the Double-Speed Dubbing Mode is selected, the System
Clock must be 384fs (CKSL: Pin 23 = H).
TABLE VI. DSD (Pin 28).
In the parallel mode, double-speed dubbing can be enabled
by holding pin 28 (DSD) at a logic “low”.
CAUTION: Double-speed dubbing cannot operate if the
system clock is set at 256fs.
SERIAL MODE CONTROL
In order to use all of PCM1710’s functionality, the serial
mode control should be used. PCM1710 must be addressed
three separate times to set all of the various registers and
flags that control these functions.
Table VII together with Figure 6 details the control of the
PCM1710 in the serial mode. Internal latches are used to
hold this serial data until the PCM1710 is enabled to use the
data. The serial mode is used by applying clocked data to the
following pins:
NAME
PIN
FUNCTION
MC
27
Clock for Strobing in Data
ML
28
Latches Data into the Registers
MD
26
8-bit Data Word Defining Operation


Similar Part No. - PCM1710

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1712 BURR-BROWN-PCM1712 Datasheet
101Kb / 16P
   DIGITAL-TO-ANALOG CONVERTER
PCM1712U BURR-BROWN-PCM1712U Datasheet
101Kb / 16P
   DIGITAL-TO-ANALOG CONVERTER
PCM1715 BURR-BROWN-PCM1715 Datasheet
77Kb / 9P
   Dual Voltage Output CMOS Delta-Sigma DIGITAL-TO-ANALOG CONVERTER With On-Chip Digital Filter
PCM1715U BURR-BROWN-PCM1715U Datasheet
77Kb / 9P
   Dual Voltage Output CMOS Delta-Sigma DIGITAL-TO-ANALOG CONVERTER With On-Chip Digital Filter
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com