Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF0060A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0060A
Description  1880/1960MHz Band 2 Balanced Duplexer SMD 2.0X1.6 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0060A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TF0060A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
1880/1960MHz Band 2 Balanced Duplexer SMD 2.0X1.6 mm
MODEL NO.:TF0060A
REV. NO.3
A. MAXIMUM RATING:
1. DC Voltage : 0V
2. Operating Temperature: -30°C to +85°C
3. Storage Temperature: -40°C to +85°C
Electrostatic Sensitive Device (ESD)
B. ELECTRICAL CHARACTERISTICS:
Parameters Description
Unit
Minimum
Typical
Maximum
Operation Temperature Range
C
-30
-
+85
Storage Temperature Range
C
-40
-
+85
Maximum DC Voltage
V
0
Input Power Level
W
2.0
Antenna Impedance(single ended)
50
Tx Impedance(single ended)
50
Rx Impedance (balanced)
(1)
100
Length x Width
mm²
2.0 x 1.6
Height
mm
0.9
Tx Tx to Ant → Ant
Specifications (+25
C)
Parameters Description
Condition [MHz]
Unit
Minimu
m
Typical
Maximu
m
Insertion Loss
1850.5 ~ 1909.5
dB
-
2.0
2.5
Return Loss of Tx Port
1850.5 ~ 1909.5
dB
9
10
-
Return Loss of Ant Port
1850.5 ~ 1909.5
dB
9
10
-
Attenuation in Rx Band
1930.5 ~ 1989.5
dB
45
51
-
Attenuation in Cell band
862.0 ~ 894.0
dB
30
40
-
Attenuation in GPS Rx band
1570.0 ~ 1580.0
dB
35
37
-
Attenuation in Bluetooth band
2400.0 ~ 2500.0
dB
23
25
-
Attenuation in 2
nd harmonic
3700.0 ~ 3820.0
dB
28
30
-
Attenuation in 3
rd harmonic
5550.0 ~ 5730.0
dB
10
11
-
RoHS Compliant
Lead-free soldering


Similar Part No. - TF0060A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF006000BV-IT TRANSKO-TF006000BV-IT Datasheet
1Mb / 3P
   IF Bandpass Filter
Rev. 0: Mar. 2023
More results

Similar Description - TF0060A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0061A TAI-SAW-TF0061A Datasheet
315Kb / 11P
   2535/2655MHz Band 7 Balanced Duplexer SMD 2.0X1.6 mm
TF0068A TAI-SAW-TF0068A Datasheet
391Kb / 7P
   SAW Duplexer 1880/1960MHz 60MHz BW SMD 3.8횞3.8 mm
TF0105B TAI-SAW-TF0105B Datasheet
618Kb / 13P
   SAW DPX 1880/1960MHz LTE Band 2 SMD 2016(60MHz BW)
TF0103A TAI-SAW-TF0103A Datasheet
1Mb / 15P
   SAW DPX 1880/1960MHz LTE Band 2 SMD 2016(60MHz BW)
TA1870AM TAI-SAW-TA1870AM Datasheet
542Kb / 9P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TA1870A TAI-SAW-TA1870A Datasheet
609Kb / 10P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1x0.9 mm
TF0112A TAI-SAW-TF0112A Datasheet
408Kb / 12P
   SAW Duplexer 718/773 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
TA1870DA TAI-SAW-TA1870DA Datasheet
507Kb / 8P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TF0113A TAI-SAW-TF0113A Datasheet
436Kb / 12P
   SAW Duplexer 733/788 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7411 AVAGO-ACMD-7411 Datasheet
272Kb / 3P
   UMTS Band 2 Duplexer with Balanced Rx Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com