Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF0072A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0072A
Description  Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0072A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TF0072A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0072A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0072A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0072A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0072A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0072A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0072A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
E.OUTLINE DRAWING:
`
E. PACKING:
1. REEL DIMENSION
Marking Descriptions
B
CDMA800 Application
Q
SAW Duplexer
X
Date Code(Year)
Y
Date Code(Month)
Pin Description
A, C, D, E, F, G, I, J, L
Ground
B
Rx Port(881.5MHz)
K
Antenna
H
Tx Port (836.5MHz)
Unit: mm
B Q
X Y


Similar Part No. - TF0072A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0070A TAI-SAW-TF0070A Datasheet
234Kb / 8P
   Duplexer 1732.5/2132.5MHz 45MHz BW SMD 3.8횞3.8 mm
TF0071A TAI-SAW-TF0071A Datasheet
605Kb / 7P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0075A TAI-SAW-TF0075A Datasheet
222Kb / 8P
   Duplexer 707/737MHz 18MHz BW SMD 3.8횞3.8 mm
TF0075A TAI-SAW-TF0075A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
TF0076A TAI-SAW-TF0076A Datasheet
222Kb / 8P
   Duplexer 707/737MHz 18MHz BW SMD 3.8횞3.8 mm
More results

Similar Description - TF0072A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0071A TAI-SAW-TF0071A Datasheet
605Kb / 7P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
TF0226AA0033 TAI-SAW-TF0226AA0033 Datasheet
1Mb / 12P
   SAW Duplexer 836.5/881.5MHz BW 25/25MHz
REV. NO.:1.0
TF0067A TAI-SAW-TF0067A Datasheet
367Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
logo
SIPAT Co,Ltd
SPD014A SIPAT-SPD014A Datasheet
819Kb / 9P
   SAW Duplexer 836.5/881.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1690A TAI-SAW-TA1690A Datasheet
235Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.1X0.9 mm
TF0095B TAI-SAW-TF0095B Datasheet
641Kb / 13P
   SAW DPX 836.5/881.5MHz LTE Band 5 SMD 2016(25MHz BW)
TF0070A TAI-SAW-TF0070A Datasheet
234Kb / 8P
   Duplexer 1732.5/2132.5MHz 45MHz BW SMD 3.8횞3.8 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com