Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF0091A Datasheet(PDF) 9 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0091A
Description  Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0091A Datasheet(HTML) 9 Page - TAI-SAW TECHNOLOGY CO., LTD.

Back Button TF0091A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 11Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 12Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
9
TST DCC
Release document
Wide Span
Tx
Smith Chart (ANT Port)


Similar Part No. - TF0091A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0091A TAI-SAW-TF0091A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TF0091A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0090A TAI-SAW-TF0090A Datasheet
326Kb / 12P
   Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
TF0169B TAI-SAW-TF0169B Datasheet
578Kb / 13P
   SAW DPX 782 / 751MHz 10/10MHz BW Band13 SMD1.8X1.4 mm
TF0088A TAI-SAW-TF0088A Datasheet
324Kb / 13P
   Duplexer 1960/2140MHz 60MHz BW SMD 2.0횞1.6 mm
TA1694A TAI-SAW-TA1694A Datasheet
241Kb / 9P
   SAW Filter 751MHz 10MHz BW SMD 1.1X0.9 mm
TF0087A TAI-SAW-TF0087A Datasheet
431Kb / 13P
   Duplexer 1732.5/2132.5MHz 45MHz BW SMD 2.0횞1.6 mm
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
TF0169A TAI-SAW-TF0169A Datasheet
669Kb / 14P
   SAW DPX 782/751MHz Band13 Un-balanced SMD1.8X1.4 mm (BW=10 MHz)
TA2062C TAI-SAW-TA2062C Datasheet
1Mb / 10P
   SAW Rx Filter 751MHz LTE Band 13 SMD 1109 (10MHz BW)
TA2062A TAI-SAW-TA2062A Datasheet
521Kb / 9P
   SAW Rx Filter 751MHz LTE Band 13 SMD 1109 (10MHz BW)
TA2062B TAI-SAW-TA2062B Datasheet
1Mb / 10P
   SAW Rx Filter 751MHz LTE Band 13 SMD 1109 (10MHz BW)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com