Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1727 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1727
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1727 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button PCM1727 Datasheet HTML 3Page - Burr-Brown (TI) PCM1727 Datasheet HTML 4Page - Burr-Brown (TI) PCM1727 Datasheet HTML 5Page - Burr-Brown (TI) PCM1727 Datasheet HTML 6Page - Burr-Brown (TI) PCM1727 Datasheet HTML 7Page - Burr-Brown (TI) PCM1727 Datasheet HTML 8Page - Burr-Brown (TI) PCM1727 Datasheet HTML 9Page - Burr-Brown (TI) PCM1727 Datasheet HTML 10Page - Burr-Brown (TI) PCM1727 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
®
7
PCM1727
C
1
C
2
C
1, C2 = 10 to 33pF
27MHz Internal Master Clock
XT1
X’tal
RR
XT2
PCM1727
MCKO
Buffer
27MHz
Out
External Clock
27MHz Internal Master Clock
XT1
XT2
PCM1727
EXTERNAL CLOCK INPUT
CRYSTAL RESONATOR CONNECTION
MCKO
t
CH
XT1
1/27MHz
t
CL
2.0V
t
CH: 10ns (min)
t
CL: 15ns (min)
I
IH (VIH = VDD) : 4mA max
I
IL (VIL = 0) : 700µA max
0.8V
14
15
16
1
2
3
14
15
1/f
S
L_ch
R_ch
MSB
LSB
16
LRCIN (pin 19)
BCKIN (pin 17)
AUDIO DATA WORD = 16-BIT
DIN (pin 18)
1
2
3
14
15
MSB
LSB
16
18
19
20
1
2
3
18
19
MSB
LSB
20
AUDIO DATA WORD = 20-BIT
DIN (pin 18)
1
2
3
18
19
MSB
LSB
20
23
24
1
2
3
22
23
MSB
LSB
24
AUDIO DATA WORD = 24-BIT
DIN (pin 18)
1
2
3
22
23
MSB
LSB
24
FIGURE 5. “Normal” Data Input Timing.
FIGURE 4. System Clock Connection.
FIGURE 3. XT1 Input Timing.


Similar Part No. - PCM1727

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1727 TI-PCM1727 Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
PCM1727E TI-PCM1727E Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
PCM1727E2K TI-PCM1727E2K Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
PCM1727EG4 TI-PCM1727EG4 Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
More results

Similar Description - PCM1727

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1723 BURR-BROWN-PCM1723 Datasheet
218Kb / 15P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
logo
Texas Instruments
PCM1727E2K TI-PCM1727E2K Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
logo
Burr-Brown (TI)
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
Texas Instruments
PCM1723E TI-PCM1723E Datasheet
493Kb / 21P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
logo
Burr-Brown (TI)
PCM1721 BURR-BROWN-PCM1721 Datasheet
227Kb / 16P
   DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com