Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR0812DCXX5Z01A Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # CAR0812DCXX5Z01A
Description  Reverse input voltage protection Remote ON/OFF control of the 12VDC output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR0812DCXX5Z01A Datasheet(HTML) 1 Page - Lineage Power Corporation

  CAR0812DCXX5Z01A Datasheet HTML 1Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 2Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GE
Data Sheet
April 23, 2013
©2013 General Electric Company. All rights reserved.
CAR0812DC Series DC-DC Converter
Input: -36VDC to -75VDC; Output: +12 VDC @ 850W; 3.3VDC or 5 VDC @ 1A
Features
Reverse input voltage protection
2 front panel LEDs: LED 1-input,
LED2-[output, fault, over temp]
Remote ON/OFF control of the 12VDC output
12Vdc Regulation: set point ±0.2%, overall ±3%
12Vdc programmable between 10.8 – 13.2VDC
Active load sharing on the 12V output
Firmware adjustable overload set point of 12V output
Standby orderable either as 3.3VDC or 5VDC
Efficiency: typically 92% @ 50% load
Exceeds 80plus GOLD standard
Auto recoverable protection
Hot insertion/removal (hot plug)
Operating temperature: -10 - 70C,
Digital status & control: I2C and PMBus+ serial bus
EN/IEC/UL60950-1 2nd edition; UL*, CSAand VDE
CE§ mark meets 2006/95/EC directive
EMI: class B FCC docket 20780 part 15, EN55022
Meets EN6100 immunity and transient standards
Applications
12VDC distributed power architectures
Mid-End Servers
Blade Servers
Storage Area Networks
Routers/Switches
Enterprise Networks
Advanced workstations
Description
The CAR0812DC series of converters provide highly efficient isolated power from 48/60Vdc -input systems. Offered in
the industry standard compact 1U form factor, these converters complement the CAR0812 rectifier line, providing
comprehensive solutions for systems connected either to commercial AC mains or 48/60Vdc power plants. This plug
and play approach, between AC and DC input units, has significant advantages since systems can be readily
reconfigured by simply replacing the power supply.
The high-density, front-to-back airflow is designed for minimal space utilization and is highly expandable for future
growth. The industry standard PMBus compliant I2C communications bus offers a full range of control and monitoring
capabilities. The SMBusAlert signal pin alerts customers automatically of any state change within the power supply.
*
UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§
Intended for integration into end-user equipment. All the required procedures for CE marking of end-user equipment should be followed. (The CE mark is placed on selected products.)
**
ISO is a registered trademark of the International Organization of Standards.
+
PMBus name and logo are registered trademarks of the System Management Interface Forum (SMIF)
RoHS Compliant


Similar Part No. - CAR0812DCXX5Z01A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
   End-to-End Embedded Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

Similar Description - CAR0812DCXX5Z01A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-350QB DELTA-DPS-350QB Datasheet
360Kb / 1P
   Remote On/Off
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
List of Unclassifed Man...
LPT60 ETC1-LPT60 Datasheet
857Kb / 2P
   Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
Ceramate Technical
CP8223R CERAMATE-CP8223R Datasheet
119Kb / 8P
   CP8223R IC is the control IC of remote emitter, built-in ON/OFF, SPEED, TIME, RHY/SLP, OSC 5keys
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com