Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1801U Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1801U
Description  16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1801U Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM1801U Datasheet HTML 1Page - Burr-Brown (TI) PCM1801U Datasheet HTML 2Page - Burr-Brown (TI) PCM1801U Datasheet HTML 3Page - Burr-Brown (TI) PCM1801U Datasheet HTML 4Page - Burr-Brown (TI) PCM1801U Datasheet HTML 5Page - Burr-Brown (TI) PCM1801U Datasheet HTML 6Page - Burr-Brown (TI) PCM1801U Datasheet HTML 7Page - Burr-Brown (TI) PCM1801U Datasheet HTML 8Page - Burr-Brown (TI) PCM1801U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
®
3
PCM1801
PIN CONFIGURATION
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN
product for use in life support devices and/or systems.
PIN
NAME
I/O
DESCRIPTION
1VINL
IN
Analog Input, Lch.
2VINR
IN
Analog Input, Rch.
3
DGND
Digital Ground
4VDD
Digital Power Supply
5
SCKI
IN
System Clock Input; 256fS, 384fS, or 512fS.
6
BCK
IN
Bit Clock Input
7
LRCK
IN
Sampling Clock Input
8
DOUT
OUT
Audio Data Output
9
BYPAS
IN
HPF Bypass Control(1) L: HPF Enabled
H: HPF Disabled
10
FMT
IN
Audio Data Format(1) L: MSB-First, Left-Justified
H: MSB-First, I2S
11
VCC
Analog Power Supply
12
AGND
Analog Ground
13
VREF2
Reference 2 Decoupling Capacitor
14
VREF1
Reference 1 Decoupling Capacitor
NOTE: (1) With 100k
Ω typical pull-down resistor.
PIN ASSIGNMENTS
Top View
SOIC
Supply Voltage: +VDD, +VCC .............................................................. +6.5V
Supply Voltage Differences ...............................................................
±0.1V
GND Voltage Differences ..................................................................
±0.1V
Digital Input Voltage ................................................. –0.3V to (VDD + 0.3V)
Analog Input Voltage ................................................ –0.3V to (VCC + 0.3V)
Input Current (any pin except supplies) ..........................................
±10mA
Power Dissipation .......................................................................... 300mW
Operating Temperature Range ......................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) .................................................. +260
°C
(reflow, 10s) ..................................................... +235
°C
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
PCM1801U
SO-14
235
–25
°C to +85°C
PCM1801U
PCM1801U
Rails
""
"
"
"
PCM1801U/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “PCM1801U/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
V
INL
V
INR
DGND
V
DD
SCKI
BCK
LRCK
V
REF1
V
REF2
AGND
V
CC
FMT
BYPAS
DOUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PCM1801U


Similar Part No. - PCM1801U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1801U TI1-PCM1801U Datasheet
302Kb / 22P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801U/2K TI1-PCM1801U/2K Datasheet
302Kb / 22P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801U/2KG4 TI1-PCM1801U/2KG4 Datasheet
302Kb / 22P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801UG4 TI1-PCM1801UG4 Datasheet
302Kb / 22P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1801U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM78P BURR-BROWN-PCM78P Datasheet
241Kb / 16P
   16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com