Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2702E Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM2702E
Description  16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2702E Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button PCM2702E Datasheet HTML 3Page - Burr-Brown (TI) PCM2702E Datasheet HTML 4Page - Burr-Brown (TI) PCM2702E Datasheet HTML 5Page - Burr-Brown (TI) PCM2702E Datasheet HTML 6Page - Burr-Brown (TI) PCM2702E Datasheet HTML 7Page - Burr-Brown (TI) PCM2702E Datasheet HTML 8Page - Burr-Brown (TI) PCM2702E Datasheet HTML 9Page - Burr-Brown (TI) PCM2702E Datasheet HTML 10Page - Burr-Brown (TI) PCM2702E Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
PCM2702
THEORY OF OPERATION
USB INTERFACE
The description of the USB interface complies with Univer-
sal Serial Bus specification Rev. 1.0.
Control and audio data are both transferred to the PCM2702
via D+ (pin 6) and D– (pin 7). All data to/from the PCM2702
are transferred at full-speed. VBUS (pin 8) and DGNDU (pin
9) are also connected to the USB bus. VBUS (pin 8) never
consumes USB bus power, it is used only for detecting the
connection of the USB bus. The following information is
provided in the device descriptor.
The Input Terminal is defined as “USB stream” (terminal
type 0x0101). The Input Terminal can accept 2-channel
audio streams comprised of left and right channel data. The
Output Terminal is defined as a “speaker” (terminal type
0x0301). The Feature Unit supports the following sound
control features.
• Volume Control
• Mute Control
The built-in digital volume controller can be manipulated by
an audio class specific request from 0.0dB to –64.0dB in
steps of 1.0dB. Each channel can be set independently. The
master volume control is also supported. The built-in digital
mute controller can be manipulated by an audio class spe-
cific request. A master mute-control request is acceptable. A
request to an individual channel will be stalled and ignored.
Interface #1 has three alternative settings. Alternative setting
#0 is the Zero Bandwidth setting. Alternative setting #1 is
the 16-Bit Stereo setting, and is an operational setting.
Alternative setting #2 is the 16-Bit Monaural setting, and is
also an operational setting. The PCM2702 has the following
two endpoints.
• Control Endpoint (EP #0)
• Isochronous Audio Data Stream Endpoint (EP #2)
The Control Endpoint is a default endpoint and is used to
control all functions of the PCM2702 by the standard USB
request and the USB audio class specific request. The
Isochronous Audio Data Stream Endpoint is an audio sink
endpoint, which receives the PCM audio data, and accepts
the adaptive transfer mode.
USB Revision
1.0
Device Class
0x00 (device defined interface level)
Device Subclass
0x00 (not specified)
Device Protocol
0x00 (not specified)
Max Packet Size for Endpoint 0
8 byte
Vendor ID
0x08BB
Device ID
0x2702
Release
1.0
TABLE I. Device Definition.
DEVICE CONFIGURATION
Figure 1 illustrates USB audio function topology. The
PCM2702 has two interfaces. Each interface is constructed
by some alternative setting. Interface #0 has one alternative
setting. Alternative setting #0 describes the standard audio
control interface. The audio control interface is constructed
by a terminal. The PCM2702 has the following three termi-
nals.
• Input Terminal (IT)
• Output Terminal (OT)
• Feature Unit (FU)
Endpoint #0
PCM2702
Default
Endpoint
Endpoint #2
Audio Streaming Interface
(IF #1)
IT
TID1
OT
TID2
Standard Audio Control Interface (IF #0)
FU
UID3
Analog Out
NOTE: IT = Input Terminal (Terminal ID #1); OT = Output Terminal (Terminal ID #2); FU = Feature Unit (Unit ID #3).
FIGURE 1. USB Audio Function Topology.


Similar Part No. - PCM2702E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2702E TI1-PCM2702E Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM2702E/2K TI1-PCM2702E/2K Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM2702E/2KG4 TI1-PCM2702E/2KG4 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM2702EG4 TI1-PCM2702EG4 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM2702E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
   16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com