Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2702E Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM2702E
Description  16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2702E Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button PCM2702E Datasheet HTML 3Page - Burr-Brown (TI) PCM2702E Datasheet HTML 4Page - Burr-Brown (TI) PCM2702E Datasheet HTML 5Page - Burr-Brown (TI) PCM2702E Datasheet HTML 6Page - Burr-Brown (TI) PCM2702E Datasheet HTML 7Page - Burr-Brown (TI) PCM2702E Datasheet HTML 8Page - Burr-Brown (TI) PCM2702E Datasheet HTML 9Page - Burr-Brown (TI) PCM2702E Datasheet HTML 10Page - Burr-Brown (TI) PCM2702E Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
®
PCM2702
Play, Stop, and Detach sequence
When host finishes or aborts audio playback, the PCM2702
will stop playing after the last transmitted audio data has
been received. Figure 6 shows the operation sequence for
play, stop, and detach.
PLYBCK, SSPND, AND ZERO FLAG
PLYBCK, SSPND, and Zero flag in Figures 4, 5, and 6 are
defined as follows.
PLYBCK—while PCM audio input data is playing back,
PLYBCK (pin 10) is switched LOW.
Detach
1ms
4ms
23ms
(1024/f
S)
SOF
SOF
SOF
SOF
SOF
SOF
Audio Data
Last Audio Data
Audio Data
V
BUS
D+/D–
PLYBCK
SSPND
ZERO
V
OUTL
V
OUTR
FIGURE 6. Play, Stop, and Detach.
SSPND—upon detection of a suspend state on the USB port,
SSPND (pin 11) is switched LOW.
ZERO—if the PCM audio input data is continuously zero
for 1024 sampling periods (1/fS), ZERO (pin12) is switched
to HIGH.
TEST PINS
The PCM2702 has four test pins—TEST0 (pin 16), TEST1
(pin 15), TEST2 (pin 14), and TEST3 (pin 13)—which are
used solely for testing at the factory. These pins must be
connected to a digital ground for proper operation.
XTI
V
DDC
DGNDC
V
DD
DGND
D+
D–
V
BUS
DGNDU
PLYBCK
SSPND
ZERO
TEST3
TEST2
XTO
V
CCP
AGNDP
V
CCL
AGNDL
V
OUTL
V
CC
V
COM
AGND
V
OUTR
AGNDR
V
CCR
TEST0
TEST1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM2702
R
2
R
3
R
4
X
1
12MHz
C
2
C
1
C
3
+3.3V
+5V
C
4
C
6
C
8
C
7
C
5
USB Series
“B” Connector
POST
LPF
L-Channel
POST
LPF
R-Channel
+
NOTE: C
1, C2: 10pF to 33pF (depending on Crystal Resonator); C3 ,C4: 0.1µF 1-100µF; C5 to C8: 0.1µF Ceramic each and two
1
µF to 100µF for 5V and 3.3V; C
9: 10µF; R1: 1.5kΩ; R2, R3: 22Ω; R4: 1MΩ; X1: Crystal Resonator (fundamental mode, parallel resonant).
C
9
FIGURE 7. Typical Connection Diagram.


Similar Part No. - PCM2702E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2702E TI1-PCM2702E Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM2702E/2K TI1-PCM2702E/2K Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM2702E/2KG4 TI1-PCM2702E/2KG4 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM2702EG4 TI1-PCM2702EG4 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM2702E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
   16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com