Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3006 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM3006
Description  16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3006 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM3006 Datasheet HTML 1Page - Burr-Brown (TI) PCM3006 Datasheet HTML 2Page - Burr-Brown (TI) PCM3006 Datasheet HTML 3Page - Burr-Brown (TI) PCM3006 Datasheet HTML 4Page - Burr-Brown (TI) PCM3006 Datasheet HTML 5Page - Burr-Brown (TI) PCM3006 Datasheet HTML 6Page - Burr-Brown (TI) PCM3006 Datasheet HTML 7Page - Burr-Brown (TI) PCM3006 Datasheet HTML 8Page - Burr-Brown (TI) PCM3006 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
®
3
PCM3006
SPECIFICATIONS (CONT)
All specifications at +25
°C, V
DD = VCC = 3.0V, fS = 44.1kHz, SYSCLK = 384fS, CLKIO Input, 16-bit data, unless otherwise noted.
PCM3006T
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC CHARACTERISTICS (CONT)
DIGITAL FILTER PERFORMANCE
Passband
0.445fS
Hz
Stopband
0.555fS
Hz
Passband Ripple
±0.17
dB
Stopband Attenuation
–35
dB
Delay Time
11.1/fS
sec
ANALOG OUTPUT
Voltage Range
0.6 x VCC
Vp-p
Center Voltage
0.5 x VCC
VDC
Load Impedance
AC-Coupling
10
k
LPF Frequency Response
f = 20kHz
–0.16
dB
POWER SUPPLY REQUIREMENTS
Voltage Range: VCC, VDD
–25
°C to +85°C
2.7
3.0
3.6
VDC
0
° C to +70°C(7)
2.4
3.0
3.6
VDC
Supply Current: ADC/DAC Operation
VCC = VDD = 3.0V
18
24
mA
ADC Operation
VCC = VDD = 3.0V
12
16
mA
DAC Operation
VCC = VDD = 3.0V
7
10
mA
ADC/DAC Power-Down(8)
VCC = VDD = 3.0V
50
µA
Power Dissipation: ADC/DAC Operation
VCC = VDD = 3.0V
54
72
mW
ADC Operation
VCC = VDD = 3.0V
36
48
mW
DAC Operation
VCC = VDD = 3.0V
21
30
mW
ADC/DAC Power-Down(8)
VCC = VDD = 3.0V
150
µW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+125
°C
Thermal Resistance,
Θ
JA
100
°C/W
NOTES: (1) Pins 7, 8, 9, 10, 11, 15, 17, 18: PDAD, PDDA, SYSCLK, LRCIN, BCKIN, DIN, DEM1, DEM0 (Schmitt-Trigger input with 100k
Ω typical internal pull-
down resistor). (2) Pins 9, 10, 11, 15: SYSCLK, LRCIN, BCKIN, DIN (Schmitt-Trigger input). (3) Pins 7, 8, 17, 18: PDAD, PDDA, DEM1, DEM0 (Schmitt-Trigger
input, 100k
Ω typical internal pull-down resistor). (4) Pin 12: DOUT. (5) f
IN = 1kHz, using Audio Precision System II, rms mode with 20kHz LPF, 400Hz HPF used
for performance calculation. (6) fOUT = 1kHz, using Audio Precision System II, rms mode with 20kHz LPF, 400Hz HPF used for performance calculation. (7) Applies
for voltages between 2.4V to 2.7V for 0
°C to +70°C and 256f
S /512fS operation (384fS not available). (8) SYSCLK, BCKIN, and LRCIN are stopped.


Similar Part No. - PCM3006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3006 TI1-PCM3006 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3006T TI1-PCM3006T Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3006T/2K TI1-PCM3006T/2K Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3006T/2KG6 TI1-PCM3006T/2KG6 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3006TG6 TI1-PCM3006TG6 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
More results

Similar Description - PCM3006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3008 TI-PCM3008 Datasheet
424Kb / 27P
[Old version datasheet]   LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com