Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA103 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA103
Description  Programmable Gain AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA103 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PGA103 Datasheet HTML 1Page - Burr-Brown (TI) PGA103 Datasheet HTML 2Page - Burr-Brown (TI) PGA103 Datasheet HTML 3Page - Burr-Brown (TI) PGA103 Datasheet HTML 4Page - Burr-Brown (TI) PGA103 Datasheet HTML 5Page - Burr-Brown (TI) PGA103 Datasheet HTML 6Page - Burr-Brown (TI) PGA103 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
PGA103
PGA103
Programmable Gain
AMPLIFIER
FEATURES
q DIGITALLY PROGRAMABLE GAINS:
G=1, 10, 100V/V
q CMOS/TTL-COMPATIBLE INPUTS
q LOW GAIN ERROR:
±0.05% max, G=10
q LOW OFFSET VOLTAGE DRIFT: 2
µV/
°C
q LOW QUIESCENT CURRENT: 2.6mA
q LOW COST
q 8-PIN PLASTIC DIP, SO-8 PACKAGES
APPLICATIONS
q DATA ACQUISITION SYSTEMS
q GENERAL PURPOSE ANALOG BOARDS
q MEDICAL INSTRUMENTATION
DESCRIPTION
The PGA103 is a programmable-gain amplifier for
general purpose applications. Gains of 1, 10, or 100 are
digitally selected by two CMOS/TTL-compatible in-
puts. The PGA103 is ideal for systems that must
handle wide dynamic range signals.
The PGA103’s high speed circuitry provides fast set-
tling time, even at G=100 (8
µs to 0.01%). Bandwidth
is 250kHz at G=100, yet quiescent current is only
2.6mA. It operates from
±4.5V to ±18V power
supplies.
The PGA103 is available in 8-pin plastic DIP and
SO-8 surface-mount packages, specified for the –40
°C
to +85
°C temperature range.
PGA103
V
IN
V
O
V+
V–
2
1
3
7
8
6
4
1
10
100
0
0
1
0
1
0
GAIN
A
1
A
0
V
O = G • VIN
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
©1993 Burr-Brown Corporation
PDS-1208B
Printed in U.S.A. November, 1993


Similar Part No. - PGA103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA103P TI1-PGA103P Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
PGA103U TI1-PGA103U Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
PGA103UE4 TI1-PGA103UE4 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
More results

Similar Description - PGA103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com