Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA102SG Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA102SG
Description  High Speed PROGRAMMABLE GAIN AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA102SG Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PGA102SG Datasheet HTML 1Page - Burr-Brown (TI) PGA102SG Datasheet HTML 2Page - Burr-Brown (TI) PGA102SG Datasheet HTML 3Page - Burr-Brown (TI) PGA102SG Datasheet HTML 4Page - Burr-Brown (TI) PGA102SG Datasheet HTML 5Page - Burr-Brown (TI) PGA102SG Datasheet HTML 6Page - Burr-Brown (TI) PGA102SG Datasheet HTML 7Page - Burr-Brown (TI) PGA102SG Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
PGA102
1
PGA102
FEATURES
q DIGITALLY PROGRAMMABLE GAIN:
G = 1, 10, 100
q LOW GAIN ERROR: 0.025% max
q FAST SETTLING: 2.8
µs to 0.01%
q 16-PIN PLASTIC AND CERAMIC DIP
APPLICATIONS
q DATA ACQUISITION AMPLIFIER
q FIXED-GAIN AMPLIFIER
q AUTOMATIC GAIN SCALING
DESCRIPTION
The PGA102 is a high speed, digitally programmable-
gain amplifier. CMOS/TTL-compatible inputs select
gains of 1, 10 or 100V/V. Each gain has an indepen-
dent input terminal, providing an input multiplexer
function.
On-chip metal film gain-set resistors are laser-trimmed
to provide excellent gain accuracy. High speed input
circuitry allows multiplexing of high speed signals.
The PGA102 is available in 16-pin plastic and ceramic
DIP packages. Commercial, industrial and military
temperature range models are available.
High Speed
PROGRAMMABLE GAIN AMPLIFIER
V
IN2
1.2k
10.8k
1.33k
10.8k
1.2k
10.8k
Gain/Channel
Select
PGA102
Gain Adj.
V
IN1
Common
Force
Common
Sense
Gain Adj.
V
IN3
4
5
6
10
7
9
8
–V
CC
13
+V
CC
16
Logic
Ground
X10
Select
1
X100
Select
2
Offset
Adjust
11
12
V
OUT
15
3
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
©1985 Burr-Brown Corporation
PDS-579C
Printed in U.S.A. September, 1993


Similar Part No. - PGA102SG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
   Programmable Gain Amplifier
PGA100AG MAXIM-PGA100AG Datasheet
523Kb / 8P
   Programmable Gain Amplifier
PGA100BG MAXIM-PGA100BG Datasheet
523Kb / 8P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
PGA103P BURR-BROWN-PGA103P Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
More results

Similar Description - PGA102SG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Intersil Corporation
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
   Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com