Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA204BU Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA204BU
Description  Programmable Gain INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA204BU Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PGA204BU Datasheet HTML 5Page - Burr-Brown (TI) PGA204BU Datasheet HTML 6Page - Burr-Brown (TI) PGA204BU Datasheet HTML 7Page - Burr-Brown (TI) PGA204BU Datasheet HTML 8Page - Burr-Brown (TI) PGA204BU Datasheet HTML 9Page - Burr-Brown (TI) PGA204BU Datasheet HTML 10Page - Burr-Brown (TI) PGA204BU Datasheet HTML 11Page - Burr-Brown (TI) PGA204BU Datasheet HTML 12Page - Burr-Brown (TI) PGA204BU Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
®
PGA204/205
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
SMALL-SIGNAL RESPONSE, G = 1
+200mV
–200mV
+10V
–10V
+200mV
–200mV
+10V
–10V
+10V
–10V
+200mV
–200mV
LARGE-SIGNAL RESPONSE, G = 1
SMALL-SIGNAL RESPONSE, G = 1000
LARGE-SIGNAL RESPONSE, G = 1000
SMALL-SIGNAL RESPONSE, G = 10
LARGE-SIGNAL RESPONSE, G = 10


Similar Part No. - PGA204BU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA204BU TI1-PGA204BU Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204BU/1K TI1-PGA204BU/1K Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204BUE4 TI1-PGA204BUE4 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA204BU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_17 Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com