Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA202AG Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA202AG
Description  Digitally Controlled Programmable-Gain INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA202AG Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PGA202AG Datasheet HTML 1Page - Burr-Brown (TI) PGA202AG Datasheet HTML 2Page - Burr-Brown (TI) PGA202AG Datasheet HTML 3Page - Burr-Brown (TI) PGA202AG Datasheet HTML 4Page - Burr-Brown (TI) PGA202AG Datasheet HTML 5Page - Burr-Brown (TI) PGA202AG Datasheet HTML 6Page - Burr-Brown (TI) PGA202AG Datasheet HTML 7Page - Burr-Brown (TI) PGA202AG Datasheet HTML 8Page - Burr-Brown (TI) PGA202AG Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
®
PGA202/203
2
* Same as the PGA202/203AG
NOTES: (1) All specifications apply to both the PGA202 and the PGA203. Values given for a gain of 10 are the same for a gain of 8 and other values may be interpolated.
(2) Measured with a 10k load. (3) The analog inputs are internally diode clamped. (4) Adjustable to zero. (5) VNOISE (RTI) = √(VN INPUT)2 + (VN OUTPUT/Gain)2.
(6) Threshold voltages are referenced to Digital Common. (7) From input change or gain change.
SPECIFICATIONS
ELECTRICAL
At +25
°C, V
CC = ±15V unless otherwise noted.
PGA202/203AG(1)
PGA202/203BG(1)
PGA202/203KP (1)
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GAIN
Error (2)
G < 1000
0.05
0.25
*
0.15
*
*
%
G = 1000
0.1
1
0.08
0.5
*
*
%
Nonlinearity
G < 1000
0.002
0.015
*
0.012
*
*
%
G = 1000
0.02
0.06
*
0.04
*
*
%
Gain vs Temperature
G < 100
3
25
*
15
*
ppm/
°C
G = 100
40
120
*
60
*
ppm/
°C
G = 1000
100
300
*
150
*
ppm/
°C
RATED OUTPUT
Voltage
|IOUT| ≤ 5mA
±10
±12
**
**
V
Over Specified Temperature
See Typical Perf. Curve
±9*
±10
V
Current
|VOUT| ≤ 10V
±5
±10
**
**
mA
Impedance
0.5
*
*
ANALOG INPUTS
Common-Mode Range
±10
±13
**
**
V
Absolute Max Voltage (3)
No Damage
±V
CC
**
V
Impedance, Differential
10 || 3
*
*
G
Ω || pF
Common-Mode
10 || 1
*
*
G
Ω || pF
OFFSET VOLTAGE (RTI)
Initial Offset at 25
°C(4)
±(0.5 +
±(2 +
*
±(1 +
*
*
mV
5/G)
24/G)
12/G)
vs Temperature
±(3 +
±(24 +
*
±(12 +
*
µV/°C
50/G)
240/G)
120/G)
Offset vs Time
50
*
*
µV/Month
Offset vs Supply
10
≤ V
CC ≤ 15
10 +
100 +
*
50 +
*
*
µV/V
250/G
900/G
450/G
INPUT BIAS CURRENT
Initial Bias Current: at 25
°C10
50
*
*
*
*
pA
at 85
°C
640
3200
*
*
*
*
pA
Initial Offset Current: at 25
°C
5
25
**
**
pA
at 85
°C
320
1600
*
*
*
*
pA
COMMON-MODE REJECTION RATIO
G = 1
80
100
*
*
*
*
dB
G = 10
86
110
*
*
*
*
dB
G = 100
92
120
*
*
*
*
dB
G = 1000
94
120
*
*
*
*
dB
INPUT NOISE
Noise Voltage 0.1 to 10Hz
1.7
*
*
µVp-p
Noise Density at 10kHz (5)
12
*
*
nV/
√Hz
OUTPUT NOISE
Noise Voltage 0.1 to 10Hz
32
*
*
µVp-p
Density at 1kHz (5)
400
*
*
nV/
√Hz
DYNAMIC RESPONSE
Frequency Response
G < 1000
1000
*
*
kHz
G = 1000
250
*
*
kHz
Full Power Bandwidth
G < 1000
400
*
*
kHz
G = 1000
100
*
*
kHz
Slew Rate
10
20
15
*
*
*
V/
µs
Settling Time (0.01%) (7)
G < 1000
2
*
*
µs
G = 1000
10
*
*
µs
Overload Recovery Time (7)
G < 1000
5
*
*
µs
G = 1000
10
*
*
µs
DIGITAL INPUTS
Digital Common Range
–VCC
VCC – 8
*
*
*
*
V
Input Low Threshold (6)
0.8
*
*
V
Input Low Current
10
*
*
µA
Input High Voltage
2.4
*
*
V
Input High Current
10
*
*
µA
POWER SUPPLY
Rated Voltage
±15
*
*
V
Voltage Range
±6
±18
**
**
V
Quiescent Current
6.5
*
*
mA
TEMPERATURE RANGE
Specification
–25
85
*
*
0
70
°C
Operating
–55
125
*
*
–25
85
°C
Storage
–65
150
*
*
–40
100
°C
θ
JA
100
*
*
°C/W


Similar Part No. - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202AG TI1-PGA202AG Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
Texas Instruments
3606AG TI1-3606AG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com